Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 45Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 46Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 47Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 48Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 49Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 50Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 51Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 52Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
REV 1.1
7-3
7.1.3 Port A Pulldown Register
All Port A I/O pins may have software programmable pulldown devices enabled by
a mask option. If the pulldown/up mask option is selected, the pulldown is
activated whenever the corresponding bit in the PDURA is clear. If the
corresponding bit in the PDURA bit is set or the mask option for pulldown is not
chosen, the pulldown will be disabled. A pulldown on an I/O pin is activated only if
the I/O pin is programmed as an input.
The PDURA is a write-only register. Any reads of location $0010 will return
undefined results. Since reset clears both the DDRA and the PDURA, all pins will
initialize as inputs with the pulldown active (if enabled by mask option).
7.1.4 Port A Drive Capability
The outputs of the PA4, PA5, PA6 and PA7 are capable of sinking 8 mA (typical) of
current to VSS.
7.1.5 Port A I/O Pin Interrupts
The inputs to PA0, PA1, PA2, PA3 may be connected to the IRQ input of the CPU
if enabled by a mask option. PA0 to PA4 also has a Schmitt trigger circuit
implemented as part of its input circuitry.
When connected as an alternate source of an IRQ interrupt, PA0-3 input pins will
behave the same as the IRQ pin itself, except that their active state is a logical one
or a rising edge. The IRQ pin has an active state that is a logical zero or a falling
edge.
If the mask option for edge-and-level trigger sensitivity interrupts are chosen, the
presence of a logic one or occurrence of a rising edge on any one of the lower four
Port A pins will cause an IRQ interrupt request. If the edge-only sensitivity is
selected, the occurrence of a rising edge on any one of the lower four Port A pins
will cause an IRQ interrupt request. As long as any one of the lower four Port A
IRQ inputs remains at a logic one level, the other of the lower four Port A IRQ
inputs are effectively ignored.
NOTE
The BIH and BIL instructions will only apply to the level on the IRQ
pin itself, and not to the internal IRQ input to the CPU. Therefore BIH
and BIL cannot be used to test the state of the lower four Port A
input pins as a group.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com