Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 9Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 10Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 11Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 12Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 13Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 14Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 15Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 16Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
REV 1.1
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC705JB2 is a member of the low-cost, high-performance MC68HC05
Family of 8-bit microcontroller units (MCUs). The MC68HC05 Family is based on
the Customer-Specified Integrated Circuit (CSIC) design strategy. All MCUs in the
family use the popular MC68HC05 central processing unit (CPU) and are
available with a variety of subsystems, memory sizes and types, and package
types. The MC68HC705JB2 is specifically designed to be used in applications
where a Universal Serial Bus (USB) interface is required.
1.1
FEATURES
•
Industry standard M68HC05 CPU core
•
Memory-mapped Input/Output (I/O) registers
•
2048 Bytes of user EPROM
•
128 Bytes of user RAM
•
Fully compliant Low Speed USB with 3 Endpoints:
– 1 Control Endpoint (2 x 8-byte buffer)
– 2 Interrupt Endpoints (1 x 8-byte buffer shared)
•
3.3Volt dc output pin for USB pullup resistors
•
Multi-Function Timer
•
16-Bit Input Capture/Output Compare Timer
•
11 Bidirectional I/O pins with the following features:
– 9 I/Os have software programmable pull-down capability
– 2 open-drain I/Os have software programmable pull-up, 25mA current
sink capability
– 4 I/Os with external interrupt capability
•
Low Voltage Reset (LVR) circuit
•
Power saving STOP and WAIT Modes
•
Available in 20-Pin PDIP and 20-pin SOIC packages
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com