Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 79Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 80Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 81Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 82Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 83Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 84Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 85Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 86Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-15
10.4.4 USB Control Logic
The USB control logic manages data movement between the CPU and the
transceiver. The control logic handles both transmit and receive operations on the
USB. It contains the logic used to manipulate the transceiver and the endpoint
registers. The logic contains byte count buffers for transmit operations that load
the active transmit endpoints byte count and use this to determine the number of
bytes to transfer. This same buffer is used for receive transactions to count the
number of bytes received and, upon the end of the transaction, transfer that
number to the receive endpoints byte count register.
When transmitting, the control logic handles parallel to serial conversion, CRC
generation, NRZI encoding, and bit stuffing.
When Receiving, the control logic handles Sync detection, packet identification,
end of packet detection, bit (un)stuffing, NRZI decoding, CRC validation, and
serial to parallel conversion. Errors detected by the control logic include bad CRC,
time-out while waiting for EOP, and bit stuffing violations.
10.4.4.1 Data Encoding/Decoding
The USB employs NRZI data encoding when transmitting packets. In NRZI
encoding, a 1 is represented by no change in level and a 0 is represented by a
change in level. Figure 10-16 shows a data stream and the NRZI equivalent and
Figure 10-17 is a flow diagram for NRZI. The high level represents the J state on
the data lines in this and subsequent figures showing NRZI encoding. A string of
zeros causes the NRZI data to toggle each bit time. A string of ones causes long
periods with no transitions in the data.
10.4.4.2 Bit Stuffing
In order to ensure adequate signal transitions, bit stuffing is employed by the
transmitting device when sending a packet on the USB (see Figure 10-18 and
Figure 10-19). A 0 is inserted after every six consecutive 1’s in the data stream
before the data is NRZI encoded to force a transition in the NRZI data stream.
This gives the receiver logic a data transition at least once every seven bit times to
guarantee the data and clock lock. The receiver must decode the NRZI data,
recognize the stuffed bits, and discard them. Bit stuffing is enabled beginning with
the Sync Pattern and throughout the entire transmission. The data “one” that ends
the Sync Pattern is counted as the first one in a sequence. Bit stuffing is always
enforced, without exception. If required by the bit stuffing rules, a zero bit will be
inserted even if it is the last bit before the end-of-packet (EOP) signal.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com