Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 100Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 101Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 102Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 103Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 104Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 105Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 106Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 107Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
EPROM
MC68HC705JB2
11-4
REV 1.1
11.4
MASK OPTION REGISTER (MOR), $01FF
The Mask Option Register (MOR) contains programmable EPROM bits to control
mask options. In order to program this register the MORON bit in PCR need to be
set to “1” before doing the EPROM programming process.
IRQTRIG – IRQ, PA0-PA3 Interrupt Options
1 =
Edge-trigger only
0 =
Edge-and-level-triggered
PULLREN – Port A and B Pullup/Pulldown Options
1 =
Connected
0 =
Disconnected
PAINTEN – PA0-PA3 External Interrupt Options
1 =
Disabled
0 =
Enabled
OSCDLY – Oscillator Delay Option
1 =
128 internal clock cycles
0 =
4064 internal clock cycles
LVREN – LVR Option
1 =
Enabled
0 =
Disabled
bit-7
bit-6
bit-5
bit4
bit-3
bit-2
bit1
bit-0
MOR
$01FF
Read
IRQTRIG
PULLREN
PAINTEN
OSCDLY
LVREN
Write
Erased
0001
1
111
Reset
Unaffected
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com