Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 5 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 5 Page - Texas Instruments

  P12C3DYYR Datasheet HTML 1Page - Texas Instruments P12C3DYYR Datasheet HTML 2Page - Texas Instruments P12C3DYYR Datasheet HTML 3Page - Texas Instruments P12C3DYYR Datasheet HTML 4Page - Texas Instruments P12C3DYYR Datasheet HTML 5Page - Texas Instruments P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
DYY (SOT-23-THIN)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
94
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43
°C/W
RθJB
Junction-to-board thermal resistance
30
°C/W
ψJT
Junction-to-top characterization parameter
1.3
°C/W
ψJB
Junction-to-board characterization parameter
28
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
7.5 Electrical Characteristics
Limits apply over the junction temperature (TJ) range of –40°C to 150°C, unless otherwise stated. Minimum and maximum
limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VVDD = 12
V(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
VDD quiescent current
SENSE1, SENSE2, SENSE3, and
SENSE4 grounded, VEN = 5 V, 8 V ≤
VVDD ≤ 16 V
6.25
12.5
23.5
mA
ISD
VDD shutdown supply current
VEN = 0 V
50
µA
SUPPLY VOLTAGE UVLO
VVDD-UV-R
UVLO rising threshold
VVDD rising
7.5
7.7
7.95
V
VVDD-UV-F
UVLO falling threshold
VVDD falling
6.4
6.7
7.0
V
VVDD-UV-HYS
UVLO hysteresis
0.96
V
ENABLE
VEN-H
EN voltage high
2.2
V
VEN-L
EN voltage low
0.8
V
REN
EN pin pull-up resistance to VDD
VEN = 0 V
900
kΩ
IEN-LKG
EN input leakage current
VEN = 12 V
850
nA
INPUT FILTER NETWORK
ACM
Gain from shorted power lines through
single sense cap, CSEN, to COMP1 vs.
REFGND
CSEN = 2 µF, 60 Hz
–42
dB
CSEN = 2 µF, 50 kHz
–4
CSEN = 2 µF, 500 kHz(2)
–1.5
CSEN = 2 µF, 1 MHz(2)
–1
ADM
Gain from differential signal applied to
SENSE lines to COMP1 vs. REFGND
SENSE1 shorted to SENSE2,
SENSE3 shorted to SENSE4,
CSEN1 = CSEN3 = 1 μF, 60 Hz
–78
dB
SENSE1 shorted to SENSE2,
SENSE3 shorted to SENSE4,
CSEN1 = CSEN3 = 1 μF, 1 kHz
–59
SENSE1 shorted to SENSE2,
SENSE3 shorted to SENSE4,
CSEN1 = CSEN3 = 1 μF, 500 kHz(2)
–35
SENSE1 shorted to SENSE2,
SENSE3 shorted to SENSE4,
CSEN1 = CSEN3 = 1 μF, 1 MHz(2)
–36
SENSE1 shorted to SENSE2,
SENSE3 shorted to SENSE4,
CSEN1 = CSEN3 = 1 μF, 10 MHz(2)
–35
www.ti.com
TPSF12C3
SNVSCB8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com