Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 7 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 3Page - Texas Instruments P12C3DYYR Datasheet HTML 4Page - Texas Instruments P12C3DYYR Datasheet HTML 5Page - Texas Instruments P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
8 Detailed Description
8.1 Overview
The TPSF12C3 is an active electromagnetic interference (EMI) filter controller that is designed to reduce
common-mode (CM) conducted emissions in off-line power converter systems. The device senses the high-
frequency noise on each power line using a set of Y-rated capacitors, CSEN1-4, then injects noise-canceling
currents back into the power lines using a Y-rated capacitor CINJ along with damping circuitry that ensures
stability. The device includes integrated filtering, compensation and protection circuitry.
The TPSF12C3 provides a very low impedance path for CM noise in the frequency range of interest for EMI
measurement. This feature can achieve approximately 15 to 30 dB of CM noise reduction over the frequency
range of interest, for example, 100 kHz to 3 MHz, helping to reduce the size of common-mode chokes.
The TPSF12C3 operates over a supply voltage range of 8 V to 16 V and can withstand 18 V. The device
features include:
• Internal circuitry that simplifies compensation and design
• Built-in supply voltage UVLO to ensure proper operation
• Built-in thermal shutdown protection
• An EN input that allows power saving when the system is idling
The active EMI feature significantly reduces EMI filtering cost, size, and weight, while helping to meet CISPR 11
and CISPR 32 Class B EMI limits for conducted and radiated emissions.
Leveraging a pin arrangement designed for simple layout that requires relatively few external components, the
TPSF12C3 is specified for maximum ambient and junction temperatures of 105°C and 150°C, respectively.
8.2 Functional Block Diagram
Amp
Ref
Filter
VDD
VDD
VDD
SENSE1
SENSE2
SENSE3
SENSE4
REFGND
IGND
EN
VDD
VDD
COMP1
COMP2
INJ
+
–
GND
VDD
Supply
Phase1
Phase2
Phase3
Neutral
GND
GND
GND
Neutral
www.ti.com
TPSF12C3
SNVSCB8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com