Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 9 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 5Page - Texas Instruments P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPSF12C3 common-mode AEF IC helps to improve the CM EMI signature of three-phase AC power
systems. The device provides a very low impedance path for CM noise in the frequency range of interest for EMI
measurement and helps to meet prescribed limits for EMI standards, such as:
• CISPR 11, EN 55011 – Industrial, Scientific and Medical (ISM) applications
• CISPR 25, EN 55025 – Automotive applications
• CISPR 32, EN 55032 – Multimedia applications
To expedite and streamline the process of designing of a TPSF12C3-based solution, a comprehensive
TPSF12C3 quickstart calculator is available by download to assist the system designer with component selection
for a given application.
9.2 Typical Applications
For the circuit schematic, bill of materials, PCB layout files, and test results of a TPSF12C3-powered
implementation, see the TPSF12C3 EVM.
9.2.1 Design 1 – AEF Circuit for Grid Infrastructure Applications
Figure 9-1 shows a schematic diagram of a 10-kW high-density AC/DC regulator with conventional two-stage
passive EMI filter. The CM chokes and Y-capacitors provide CM filtering, whereas the leakage inductance of the
CM chokes and the X-capacitors provide DM filtering. Similar to TI reference designs TIDA-01606, the circuit
uses a three-phase power-factor correction (PFC) stage with SiC power MOSFETs.
The PFC stage runs at a fixed switching frequency of 100 kHz. Even though the use of GaN or SiC switches
enables a high power density, the conventional passive EMI filter typically occupies over 20% of the total solution
size.
C
X7
C
X8
C
X9
C
Y1
3-phase
AC/DC
regulator
C
X4
C
X5
C
X6
C
X1
C
X2
C
X3
3-phase
AC source
Chassis
C
Y5
C
Y6
C
Y7
C
Y8
C
Y2
C
Y4
L
CM2
L
CM1
C
Y3
Figure 9-1. Circuit Schematic of a Three-phase AC/DC Regulator With a Conventional Two-Stage EMI
Filter
The AC/DC stage increases the CM EMI signature based on the high dv/dt of the SiC power switches as well as
the various switch-node parasitic capacitances to chassis ground.
www.ti.com
TPSF12C3
SNVSCB8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com