Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 16 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 16 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments P12C3DYYR Datasheet HTML 16Page - Texas Instruments P12C3DYYR Datasheet HTML 17Page - Texas Instruments P12C3DYYR Datasheet HTML 18Page - Texas Instruments P12C3DYYR Datasheet HTML 19Page - Texas Instruments P12C3DYYR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
VLINE 500 V/DIV
ISENSE1 2 A/DIV
IINJ 10 A/DIV
VSENSE1 10 V/DIV
10 s/DIV
(a)
(b)
VLINE 500 V/DIV
ISENSE1 2 A/DIV
IINJ 10 A/DIV
VSENSE1 10 V/DIV
10 s/DIV
Figure 9-8. IEC 61000-4-5 Surge, 5-kV Repetitive Strike at 10-Second Intervals – Positive (a), Negative (b)
9.3 Power Supply Recommendations
The TPSF12C3 AEF IC operates over a wide supply voltage range of 8 V to 16 V (typically 12 V) and is
referenced to chassis ground of the system. The characteristics of this VDD bias supply must be compatible with
the Absolute Maximum Ratings and Recommended Operating Conditions in this data sheet. In addition, the VDD
supply must be capable of delivering the required supply current to the loaded AEF circuit.
The supply rail can already be present in the system or can be derived using a low-cost solution with an auxiliary
winding from an isolated flyback regulator. Connect a 1-µF ceramic capacitor close to the VDD and IGND pins of
the TPSF12C3. Ensure that the VDD ripple voltage is less than 50 mV peak-to-peak.
9.4 Layout
Proper PCB design and layout is important in active EMI circuits (where high regulator voltage and current slew
rates exist) to achieve reliable device operation and design robustness. Furthermore, the EMI performance of
the design depends to a large extent on PCB layout.
9.4.1 Layout Guidelines
The following list summarizes the essential guidelines for PCB layout and component placement to optimze
AEF performance. Figure 9-9 and Figure 9-10 show a recommended layout for the TPSF12C3 with optimized
placement and routing of the IC and small-signal components.
• Route the sense lines S1, S2, S3 and S4 away from the INJ line. Avoid coupling between sense and inject
traces.
• Place a ceramic capacitor close to the VDD and IGND pins. Minimize the area of the loop to the VDD and
IGND pins.
• Place the compensation network copnponents close to the COMP1 and COMP2 pins. Reduce noise
sensitivity of the feedback compensation network path by placing components RG, CG1 and CG2 close to
the COMP pins. COMP2 is the inverting input to the AEF anplifier and represents a high-impedance node
sensitive to noise.
• Provide enough PCB area for proper heatsinking. Use sufficient copper area to acheive a low thermal
impedance. Provide adequate heatsinking for the TPSF12C3 to keep the junction temperature below 150°C.
A top-side ground plane is an important heat-dissipating area. Use several heat-sinking vias to connect IGND
(pin 14) and REFGND (pin 9) to the PCB ground plane.
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com