Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 8 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 4Page - Texas Instruments P12C3DYYR Datasheet HTML 5Page - Texas Instruments P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8.3 Feature Description
8.3.1 Integrated Line Filter
The TPSF12C3 has a built-in input line filter. Because the entire filter is integrated in the device, matching is
better than what can be achieved using discrete components. This filter not only removes virtually all input at line
frequency, it also sums the signals from the sense inputs to create a signal that represents the common-mode
noise signature without line-frequency components.
8.3.2 Compensation
The TPSF12C3 contains partial internal compensation that, when combined with two capacitors and a
resistor between COMP1 and COMP2, forms a lead-lag network. This internal network allows fewer external
components to be used.
8.3.3 Enable
The TPSF12C3 has an enable input, EN, that allows the device to be shut down, drastically reducing power
consumption during intervals when EMI mitigation is not required. The typical quiescent current consumption is
12.5 mA and 50 μA when the device is enabled and disabled, respectively. Because many designs do not use
this feature, a 900-kΩ pull up resistor connects internally between VDD and EN, allowing the EN pin to be left
open.
In addition, INJ is pulled low when the device is disabled to reduce the parasitic resistance in series with CINJ.
8.3.4 Supply Voltage UVLO Protection
To ensure that the TPSF12C3 operates safely while VDD is powered on and off as well as during brownout
conditions, this device has a built-in UVLO protection to provide predictable behavior while VDD is below its
operating voltage. UVLO releases when the VDD voltage exceeds 7.95 V, allowing normal operation. UVLO
engages if the VDD voltage falls below approximately 6.6 V. There is approximately 1 V of UVLO hysteresis.
8.3.5 Thermal Shutdown Protection
The TPSF12C3 provides built-in overtemperature protection that shuts down the device if the junction
temperature exceeds approximately 175°C. After junction temperature drops by approximately 20°C, the device
restarts. This process is repeated until the ambient temperature or power dissipation is reduced.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN pin provides ON and OFF control for the TPSF12C3. When the EN voltage is below approximately 0.8
V, the device is in shutdown mode. Most internal circuitry is shutdown. The quiescent current in shutdown mode
drops to 50 µA (typical). The TPSF12C3 also employs VDD internal undervoltage protection. If the VDD voltage
is below its UV threshold, the IC remains off. The INJ output pulls to ground while in shutdown mode.
8.4.2 Active Mode
The TPSF12C3 is in active mode when VVDD is above its UVLO threshold, EN is high, and there is no
overtemperature fault. The simplest way to enable operation is to connect EN to VDD, which allows startup
when the applied supply voltage exceeds the UVLO threshold voltage. In this mode, the device amplifies signals
on COMP2 and outputs the amplified signal on the INJ pin.
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com