Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 18 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 18 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments P12C3DYYR Datasheet HTML 16Page - Texas Instruments P12C3DYYR Datasheet HTML 17Page - Texas Instruments P12C3DYYR Datasheet HTML 18Page - Texas Instruments P12C3DYYR Datasheet HTML 19Page - Texas Instruments P12C3DYYR Datasheet HTML 20Page - Texas Instruments P12C3DYYR Datasheet HTML 21Page - Texas Instruments P12C3DYYR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
10.1.2 Development Support
All AEF devices from the family shown in Table 10-1 are rated for an ambient temperature up to 105°C and are
functional safety capable.
Table 10-1. Common-mode AEF IC Family
DEVICE
ORDERABLE PART NUMBER
PHASES
GRADE
JUNCTION TEMPERATURE
RANGE
TPSF12C3
TPSF12C3DYYR
3
Commercial
–40°C to 150°C
TPSF12C1
TPSF12C1DYYR
1
Commercial
–40°C to 150°C
TPSF12C3-Q1
TPSF12C3QDYYRQ1
3
Automotive
–40°C to 150°C
TPSF12C1-Q1
TPSF12C1QDYYRQ1
1
Automotive
–40°C to 150°C
For development support see the following:
• TPSF12C3 quickstart calculator
• TPSF12C3 EVM Altium layout source files
• TPSF12C3 PSPICE for TI and SIMPLIS simulation models
• TPSF12C3 EVM user's guide
• For TI's reference design library, visit TI Reference Design library
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series
• TI Reference Designs:
– 3-kW, 180-W/in3 single-phase totem-pole bridgeless PFC reference design with 16-A max input
– 1-kW reference design with CCM totem pole PFC and current-mode LLC realized by C2000™ and GaN
– 7.4-kW on-board charger reference design with CCM totem pole PFC and CLLLC DC/DC using C2000™
MCU
– GaN-based, 6.6-kW, bidirectional, onboard charger reference design
– 10-kW, bidirectional three-phase three-level (T-type) inverter and PFC reference design
• Technical Articles:
– Texas Instruments, How a stand-alone active EMI filter IC shrinks common-mode filter size
– Texas Instruments, How to reduce EMI and shrink power-supply size with an integrated active EMI filter
– Texas Instruments, How device-level features and package options can help minimize EMI In automotive
designs
– Texas Instruments, How to use slew rate for EMI control
• White Papers:
– Texas Instruments, How Active EMI Filter ICs Mitigate Common-Mode Emissions and Save PCB Space in
Single- and Three-Phase Systems
– Texas Instruments, An Overview of Conducted EMI Specifications for Power Supplies
– Texas Instruments, An Overview of Radiated EMI Specifications for Power Supplies
• To view a related device of this product, see the TPSF12C1 single-phase active EMI filter for common-mode
EMI mitigation
10.2 Documentation Support
10.2.1 Related Documentation
For related documentation, see the following:
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com