Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 2Page - Texas Instruments P12C3DYYR Datasheet HTML 3Page - Texas Instruments P12C3DYYR Datasheet HTML 4Page - Texas Instruments P12C3DYYR Datasheet HTML 5Page - Texas Instruments P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
7.5 Electrical Characteristics (continued)
Limits apply over the junction temperature (TJ) range of –40°C to 150°C, unless otherwise stated. Minimum and maximum
limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VVDD = 12
V(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER
ADC
DC gain
53
58
62
dB
FBW
Unity gain bandwidth(2)
113
MHz
FBW
40 dB bandwidth
1
MHz
VOFST
COMP1 offset voltage
2
V
VINJ-MAX
Maximum output voltage for linear
operation
10% drop in gain
VVDD – 2
V
VINJ-MIN
Minimum output voltage for linear
operation
10% drop in gain
2
V
IINJ-MAX-OP
INJ current at linearity limits
VINJ = VVDD – 2 V
80
mA
VINJ = VIGND + 2 V
–80
mA
PSRR
PSRR10
8 V ≤ VVDD ≤ 16 V, See recommended
feedback network, 10 kHz
0
dB
PSRR100
8 V ≤ VVDD ≤ 16 V, See recommended
feedback network, 100 kHz
6
STARTUP
tW
Startup delay
Period from VDD = EN applied until
output valid
43
ms
tSU
EN high to valid output
12
ms
tSD
EN low to stop output signal
55
µs
THERMAL SHUTDOWN
TJ-SHD
Thermal shutdown threshold(2)
Temperature rising
175
°C
TJ-HYS
Thermal shutdown hysteresis(2)
20
°C
(1)
MIN and MAX limits are 100% production tested at 25ºC unless otherwise specified. Limits over the operating temperature range
verified through correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality
Level (AOQL).
(2)
Parameter specified by design, statistical analysis and production testing of correlated parameters.
7.6 System Characteristics
The following specifications apply only to the typical applications circuit, with nominal component values. Specifications in the
typical (TYP) column apply to TJ = 25°C and VVDD = 12 V only. Specifications in the minimum (MIN) and maximum (MAX)
columns apply to the case of typical components over the temperature range of TJ = –40°C to 150°C. These specifications
are not ensured by production testing.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
ISUPPLY
Input supply current with INJ loaded
15
mA
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com