Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 15 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 15 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments P12C3DYYR Datasheet HTML 16Page - Texas Instruments P12C3DYYR Datasheet HTML 17Page - Texas Instruments P12C3DYYR Datasheet HTML 18Page - Texas Instruments P12C3DYYR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
9.2.1.3 Application Curves
Unless otherwise indicated, VVDD = VEN = 12 V.
AEF disabled
AEF enabled
–29dB
Figure 9-5. EMI Mitigation Result with AEF On and Off (EN Tied High and Low)
VLINE 500 V/DIV
VSENSE1 10 V/DIV
ISENSE1 2 A/DIV
VINJ-C 20 V/DIV
1 µs/DIV
INJ TVS diode clamps
SENSE internal
protection clamps
VLINE 500 V/DIV
VSENSE1 10 V/DIV
ISENSE1 2 A/DIV
VINJ-C 20 V/DIV
200 µs/DIV
Negative undershoot
eventually decays
INJ TVS diode clamps
SENSE internal
protection clamps
(a)
(b)
Figure 9-6. IEC 61000-4-5 Positive Surge, 5-kV Single Strike – 1 µs/div (a), 200 µs/div (b)
(a)
(b)
INJ TVS diode clamps
SENSE internal
protection clamps
INJ TVS diode clamps
SENSE internal
protection clamps
Positive overshoot
eventually decays
VLINE 500 V/DIV
VINJ-C 20 V/DIV
VSENSE1 10 V/DIV
ISENSE1 2 A/DIV
1 s/DIV
VLINE 500 V/DIV
VINJ-C 20 V/DIV
VSENSE1 10 V/DIV
ISENSE1 2 A/DIV
200 s/DIV
Figure 9-7. IEC 61000-4-5 Negative Surge, 5-kV Single Strike – 1 µs/div (a), 200 µs/div (b)
www.ti.com
TPSF12C3
SNVSCB8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com