Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C3DYYR Datasheet(PDF) 12 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 12 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments P12C3DYYR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
to further reject line-frequency components appearing at the INJ output. Capacitor CG2 preserves gain at high
frequencies, which extends the AEF bandwidth.
Choose a value for RG between 1 kΩ and 2 kΩ. A resistance of 1.5 kΩ is a common choice and selected in this
example to set a midband gain of 50 dB. Choose capacitances for CG1 and CG2 of 10 nF and 10 pF, respectively,
which establishes a gain rolloff below approximately 10 kHz for line-and low-frequency attenuation.
9.2.1.2.4 Injection Network
The components connected between the INJ pin and inject capacitor establish a damped injection network.
Damping is specifically required to manage resonance between the CM choke inductance and inject
capacitance, which manifests in the AEF loop gain as a pair of complex zeros.
Figure 9-3 highlights three specific RC branches: RD1, RD1A and CD1 form one branch from the INJ pin; RD2 and
CD2 in series connect to GND; RD3 and CD3 in parallel connect to the inject capacitor.
Chassis (PE)
RG
CG1
IGND
VDD
INJ
EN
COMP1
SENSE1
SENSE3
COMP2
REFGND
CINJ
CG2
CD1
RD2
CD2
RD3
CD3
CVDD
12 V
RD1
RD1A
SENSE2
SENSE4
TPSF12C3
= ZD1 branch
= ZD2 branch
DINJ
U1
= ZD3 branch
ZD1
ZD3
ZD2
3-phase
AC source
AC/DC
regulator
Chassis
L1
L2
L3
N
CSEN1–CSEN4
CY1–CY4
CX7–CX9
LCM2-AEF
LCM1-AEF
CX4–CX6
CX1–CX3
Figure 9-3. Injection Network
Based on the sensing and injection mechanism, the AEF circuit presents a very low impedance to CM noise.
Given the three damping impedance branches highlighted in Figure 9-3, Equation 1 approximates the AEF
impedance as:
(1)
where the term GAEF is the gain from the power lines to the INJ node (see the TPSF12C3 quickstart calculator
for related detail).
Equation 1 shows that the impedance ZINJ appears in series with ZD3 and a parallel combination of ZD1 and ZD2.
Furthermore, the gain GAEF is reduced by the voltage divider ratio between ZD2 and ZD1. These effects combine
to increase the effective impedance of the AEF and hence reduce its attenuation performance, thus illustrating a
trade-off between performance and stability.
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com