Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 17Page - Microsemi Corporation DS0128 Datasheet HTML 18Page - Microsemi Corporation DS0128 Datasheet HTML 19Page - Microsemi Corporation DS0128 Datasheet HTML 20Page - Microsemi Corporation DS0128 Datasheet HTML 21Page - Microsemi Corporation DS0128 Datasheet HTML 22Page - Microsemi Corporation DS0128 Datasheet HTML 23Page - Microsemi Corporation DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
11
where
JA
= Junction-to-air thermal resistance
JB
= Junction-to-board thermal resistance
JC
= Junction-to-case thermal resistance
TJ
= Junction temperature
TA
= Ambient temperature
TB
= Board temperature (measured 1.0 mm away from the package edge)
TC
= Case temperature
P
= Total power dissipated by the device
Table 9 •
Package Thermal Resistance of SmartFusion2 and IGLOO2 Devices
Device
Still Air
1.0 m/s
2.5 m/s
JB
JC
Unit
JA
005
FG484
19.36
15.81
14.63
9.74
5.27
°C/W
VF256
41.30
38.16
35.30
28.41
3.94
°C/W
VF400
20.19
16.94
15.41
8.86
4.95
°C/W
TQ144
42.80
36.80
34.50
37.20
10.80
°C/W
010
FG484
18.22
14.83
13.62
8.83
4.92
°C/W
VF256
37.36
34.26
31.45
24.84
7.89
°C/W
VF400
19.40
15.75
14.22
8.11
4.22
°C/W
TQ144
38.60
32.60
30.30
31.80
8.60
°C/W
025
FG484
17.03
13.66
12.45
7.66
4.18
°C/W
VF256
33.85
30.59
27.85
21.63
6.13
°C/W
VF400
18.36
14.89
13.36
7.12
3.41
°C/W
FCS325
29.17
24.87
23.12
14.44
2.31
°C/W
050
FG484
15.29
12.19
10.99
6.27
3.24
°C/W
FG896
14.70
12.50
10.90
7.20
4.90
°C/W
VF400
17.53
14.17
12.63
6.32
2.81
°C/W
FCS325
27.38
23.18
21.41
12.47
1.59
°C/W
060
FG484
15.40
12.06
10.85
6.14
3.15
°C/W
FG676
15.49
12.21
11.06
7.07
3.87
°C/W
VF400
17.45
14.01
12.47
6.22
2.69
°C/W
FCS325
27.03
22.91
21.25
12.33
1.54
°C/W
090
FG484
14.64
11.37
10.16
5.43
2.77
°C/W
FG676
14.52
11.19
10.37
6.17
3.24
°C/W
FCS325
26.63
22.26
20.13
14.24
2.50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com