Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation DS0128 Datasheet HTML 29Page - Microsemi Corporation DS0128 Datasheet HTML 30Page - Microsemi Corporation DS0128 Datasheet HTML 31Page - Microsemi Corporation DS0128 Datasheet HTML 32Page - Microsemi Corporation DS0128 Datasheet HTML 33Page - Microsemi Corporation DS0128 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
20
2.3.5.3
Tristate Buffer and AC Loading
The tristate path for enable path loadings is described in the respective specifications. The following
figure shows the methodology of characterization illustrated by the enable path test point.
Figure 5 •
Tristate Buffer for Enable Path Test Point
2.3.5.4
I/O Speeds
This section describes the maximum data rate summary of I/O in worst-case industrial conditions. See
the individual I/O standards for operating conditions.
Table 18 •
Maximum Data Rate Summary Table for Single-Ended I/O in Worst-Case
Industrial Conditions
I/O
MSIO
MSIOD
DDRIO
Unit
PCI 3.3 V
630
Mbps
LVTTL 3.3 V
600
Mbps
LVCMOS 3.3 V
600
Mbps
LVCMOS 2.5 V
410
420
400
Mbps
LVCMOS 1.8 V
295
400
400
Mbps
LVCMOS 1.5 V
160
220
235
Mbps
LVCMOS 1.2 V
120
160
200
Mbps
LPDDR-LVCMOS 1.8 V mode
400
Mbps
THZ
TZH
TLZ
90% VDDI
90% VDDI
10% VDDI
50%
PAD
Data
(D)
Enable
(E)
50%
10% VDDI
TZL
50%
PAD
E
D
OUT
TZL, TZH, THZ, TLZ
Rent to GND for TZH, THZ
50%
Cent TZL, TLZ, TZH, THZ
Rent to VDDI for TZL, TLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com