Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation DS0128 Datasheet HTML 74Page - Microsemi Corporation DS0128 Datasheet HTML 75Page - Microsemi Corporation DS0128 Datasheet HTML 76Page - Microsemi Corporation DS0128 Datasheet HTML 77Page - Microsemi Corporation DS0128 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
64
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 2.375 V.
2.3.7.6 LVPECL
Low-Voltage Positive Emitter-Coupled Logic (LVPECL) is another differential I/O standard. It requires
that one data bit be carried through two signal lines. Similar to LVDS, two pins are needed. It also
requires external resistor termination. IGLOO2 and SmartFusion2 SoC FPGAs support only LVPECL
receivers and do not support LVPECL transmitters.
Minimum and Maximum Input and Output Levels (Applicable to MSIO I/O Bank Only)
Table 210 • RSDS AC Switching Characteristics for Receiver (for MSIO I/O Bank - Input Buffers)
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.855
3.359
ns
100
2.85
3.353
ns
Table 211 • RSDS AC Switching Characteristics for Receiver (for MSIOD I/O Bank - Input Buffers)
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.602
3.061
ns
100
2.597
3.055
ns
Table 212 • RSDS AC Switching Characteristics for Transmitter (for MSIO I/O Bank - Output and
Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2.097
2.467 2.303
2.709 2.291
2.695 1.961
2.307 1.947
2.29
ns
Table 213 • RSDS AC Switching Characteristics for Transmitter (for MSIOD I/O Bank - Output and Tristate
Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
No pre-emphasis
1.614
1.899 1.559
1.834 1.55
1.823
1.59
1.87
1.575
1.852 ns
Min pre-emphasis
1.604
1.887 1.742
2.05
1.728
2.032
1.889
2.222 1.858
2.185 ns
Med pre-emphasis
1.521
1.79
1.753
2.062 1.737
2.043
1.9
2.235 1.868
2.197ns
Max pre-emphasis
1.492
1.754 1.762
2.073 1.745
2.052
1.91
2.247 1.876
2.206 ns
Table 214 • LVPECL Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDDI
3.15
3.3
3.45
V
Table 215 • LVPECL DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC input voltage
VI
03.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com