Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 45Page - Microsemi Corporation DS0128 Datasheet HTML 46Page - Microsemi Corporation DS0128 Datasheet HTML 47Page - Microsemi Corporation DS0128 Datasheet HTML 48Page - Microsemi Corporation DS0128 Datasheet HTML 49Page - Microsemi Corporation DS0128 Datasheet HTML 50Page - Microsemi Corporation DS0128 Datasheet HTML 51Page - Microsemi Corporation DS0128 Datasheet HTML 52Page - Microsemi Corporation DS0128 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
39
Table 82 •
LVCMOS 1.2 V Receiver Characteristics for MSIOD I/O Bank (Input Buffers)
On-Die Termination (ODT)
TPY
TPYS
Unit
–1
–Std
–1
–Std
None
4.154
4.887
4.114
4.84
ns
50
6.918
8.139
6.806
8.008
ns
75
5.613
6.603
5.533
6.509
ns
150
4.716
5.549
4.657
5.479
ns
Table 83 •
LVCMOS 1.2 V Transmitter Characteristics for DDRIO I/O Bank (Output and Tristate Buffers)
Output
Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2 mA
Slow
6.713
7.897
5.362 6.308
6.723
7.909
7.233
8.51
6.375
7.499
ns
Medium
5.912
6.955
4.616 5.43
5.915
6.959
6.887
8.102
6.009
7.069
ns
Medium
fast
5.5
6.469
4.231 4.978
5.5
6.471
6.672
7.849
5.835
6.865
ns
Fast
5.462
6.426
4.194 4.935
5.463
6.427
6.646
7.819
5.828
6.857
ns
4 mA
Slow
6.109
7.186
4.708 5.539
6.098
7.174
8.005
9.418
7.033
8.274
ns
Medium
5.355
6.299
4.034 4.746
5.338
6.28
7.637
8.985
6.672
7.849
ns
Medium
fast
4.953
5.826
3.685 4.336
4.932
5.802
7.44
8.752
6.499
7.646
ns
Fast
4.911
5.777
3.658 4.303
4.89
5.754
7.427
8.737
6.488
7.632
ns
6 mA
Slow
5.89
6.929
4.506 5.301
5.874
6.911
8.337
9.808
7.315
8.605
ns
Medium
5.176
6.089
3.862 4.543
5.155
6.065
7.986
9.394
6.943
8.168
ns
Medium
fast
4.792
5.637
3.523 4.145
4.765
5.606
7.808
9.186
6.775
7.97
ns
Fast
4.754
5.593
3.486 4.101
4.728
5.563
7.777
9.149
6.769
7.963
ns
1.
Delay increases with drive strength are inherent to built-in slew control circuitry for simultaneous switching output (SSO)
management.
Table 84 •
LVCMOS 1.2 V Transmitter Characteristics for MSIO I/O Bank (Output and Tristate Buffers)
Output
Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2 mA
Slow
6.746
7.937 7.458
8.774
8.172
9.614
9.867 11.608
8.393
9.874 ns
4 mA
Slow
7.068
8.315 6.678
7.857
7.474
8.793 10.986 12.924
9.043
10.638 ns
1.
Delay increases with drive strength are inherent to built-in slew control circuitry for simultaneous switching output (SSO)
management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com