Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 85 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 85 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 81Page - Microsemi Corporation DS0128 Datasheet HTML 82Page - Microsemi Corporation DS0128 Datasheet HTML 83Page - Microsemi Corporation DS0128 Datasheet HTML 84Page - Microsemi Corporation DS0128 Datasheet HTML 85Page - Microsemi Corporation DS0128 Datasheet HTML 86Page - Microsemi Corporation DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation DS0128 Datasheet HTML 89Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
75
2.3.10
Logic Element Specifications
2.3.10.1 4-input LUT (LUT-4)
The IGLOO2 and SmartFusion2 SoC FPGAs offer a fully permutable 4-input LUT. In this section, timing
characteristics are presented for a sample of the library. For more details, see SmartFusion2 and
IGLOO2 Macro Library Guide.
Figure 14 • LUT-4
TDDROWAL
Asynchronous load minimum pulse width for output
DDR
C, C
0.304
0.357
ns
TDDROCKMPWH Clock minimum pulse width high for the output DDR E, E
0.075
0.088
ns
TDDROCKMPWL
Clock minimum pulse width low for the output DDR E, E
0.159
0.187
ns
Table 222 • Output DDR Propagation Delays (continued)
Symbol
Description
Measuring Nodes
(from, to)
–1
–Std
Unit
TPD
PAD
A
B
Y
PAD
PAD
PAD
D/S (where
applicable)
AND4 OR
Any
Combinational
Logic
PAD
C
TPD
TPD
VDD
VDD
VDD
TPD
TPD
(RR)
A, B, C, D, S
OUT
50%
GND
(FF)
50%
50%
50%
GND
(RF)
50%
TPD = Max(tPD(RR), TPD(RF), TPD(FF), TPD(FR))
where edges are applicable for the particular
combinatorial cell
(FR)
50%
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com