Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 35Page - Microsemi Corporation DS0128 Datasheet HTML 36Page - Microsemi Corporation DS0128 Datasheet HTML 37Page - Microsemi Corporation DS0128 Datasheet HTML 38Page - Microsemi Corporation DS0128 Datasheet HTML 39Page - Microsemi Corporation DS0128 Datasheet HTML 40Page - Microsemi Corporation DS0128 Datasheet HTML 41Page - Microsemi Corporation DS0128 Datasheet HTML 42Page - Microsemi Corporation DS0128 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
29
4 mA
Slow
3.095
3.641
2.705
3.182
3.088
3.633
4.738 5.575
4.348
5.116
ns
Medium
2.825
3.324
2.488
2.927
2.823
3.321
4.492 5.285
4.063
4.781
ns
Medium fast 2.701
3.178
2.384
2.804
2.698
3.173
4.364 5.135
3.945
4.642
ns
Fast
2.69
3.165
2.377
2.796
2.687
3.161
4.359 5.129
3.94
4.636
ns
6 mA
Slow
2.919
3.434
2.491
2.93
2.902
3.414
5.085 5.983
4.674
5.5
ns
Medium
2.65
3.118
2.279
2.681
2.642
3.108
4.845 5.701
4.375
5.148
ns
Medium fast 2.529
2.975
2.176
2.56
2.521
2.965
4.724 5.558
4.259
5.011
ns
Fast
2.516
2.96
2.168
2.551
2.508
2.95
4.717 5.55
4.251
5.002
ns
8 mA
Slow
2.863
3.368
2.427
2.855
2.844
3.346
5.196 6.114
4.769
5.612
ns
Medium
2.599
3.058
2.217
2.608
2.59
3.047
4.952 5.827
4.471
5.261
ns
Medium fast 2.483
2.921
2.114
2.487
2.473
2.91
4.832 5.685
4.364
5.134
ns
Fast
2.467
2.902
2.106
2.478
2.457
2.89
4.826 5.678
4.348
5.116
ns
12 mA
Slow
2.747
3.232
2.296
2.701
2.724
3.204
5.39
6.342
4.938
5.81
ns
Medium
2.493
2.934
2.102
2.473
2.483
2.921
5.166 6.078
4.65
5.471
ns
Medium fast 2.382
2.803
2.006
2.36
2.371
2.789
5.067 5.962
4.546
5.349
ns
Fast
2.369
2.787
1.999
2.352
2.357
2.773
5.063 5.958
4.538
5.339
ns
16 mA
Slow
2.677
3.149
2.213
2.604
2.649
3.116
5.575 6.56
5.08
5.977
ns
Medium
2.432
2.862
2.028
2.386
2.421
2.848
5.372 6.32
4.801
5.649
ns
Medium fast 2.324
2.734
1.937
2.278
2.311
2.718
5.297 6.233
4.7
5.531
ns
Fast
2.313
2.721
1.929
2.269
2.3
2.706
5.296 6.231
4.699
5.529
ns
1.
Delay increases with drive strength are inherent to built-in slew control circuitry for simultaneous switching output (SSO)
management.
Table 47 •
LVCMOS 2.5 V Transmitter Characteristics for MSIO Bank (Output and Tristate Buffers)
Output
Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2 mA
Slow
3.48
4.095
3.855
4.534
3.785
4.453
2.12
2.494
3.45
4.059
ns
4 mA
Slow
2.583
3.039
3.042
3.579
3.138
3.691
4.143 4.874
4.687
5.513
ns
6 mA
Slow
2.392
2.815
2.669
3.139
2.82
3.317
4.909 5.775
5.083
5.98
ns
8 mA
Slow
2.309
2.717
2.565
3.017
2.74
3.223
5.812 6.837
5.523
6.497
ns
12 mA
Slow
2.333
2.745
2.437
2.867
2.626
3.089
6.131 7.213
5.712
6.72
ns
16 mA
Slow
2.412
2.838
2.335
2.747
2.533
2.979
6.54
7.694
6.007
7.067
ns
1.
Delay increases with drive strength are inherent to built-in slew control circuitry for simultaneous switching output (SSO)
management.
Table 46 •
LVCMOS 2.5 V Transmitter Characteristics for DDRIO Bank (Output and Tristate Buffers)
Output
Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com