Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 20Page - Microsemi Corporation DS0128 Datasheet HTML 21Page - Microsemi Corporation DS0128 Datasheet HTML 22Page - Microsemi Corporation DS0128 Datasheet HTML 23Page - Microsemi Corporation DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
14
2.3.2.2
Programming Currents
The following tables represent programming, verify and Inrush currents for SmartFusion2 SoC and
IGLOO2 FPGA devices.
IDC2
Flash*Freeze
1.4
2.6
3.7
5.1
5.0
5.1
8.9
mA
Typical
(TJ = 25 °C)
12.0
20.0
26.6
35.3
35.4
35.7
57.8
mA
Commercial
(TJ = 85 °C)
18.5
30.8
41.0
54.5
54.5
55.0
89.0
mA
Industrial
(TJ = 100 °C)
Table 12 •
SmartFusion2 and IGLOO2 Quiescent Supply Current (VDD = 1.26 V) – Worst-Case Process
Symbol
Modes
005
010
025
050
060
090
150
Unit Conditions
IDC1
Non-
Flash*Freeze
43.8
57.0
84.6
132.3
161.4
163.0
242.5
mA
Commercial
(TJ= 85 °C)
65.3
85.7
127.8
200.9
245.4
247.8
369.0
mA
Industrial
(TJ = 100 °C)
IDC2
Flash*Freeze 29.1
45.6
51.7
62.7
69.3
70.0
84.8
mA
Commercial
(TJ = 85 °C)
44.9
70.3
79.7
96.5
106.8
107.8
130.6
mA
Industrial
(TJ = 100 °C)
Table 13 •
Currents During Program Cycle, 0 °C < = TJ <= 85 °C – Typical Process
Power Supplies
Voltage (V)
005
010
025
050
060
090
1501
1.
VPP and VPPNVM are internally shorted.
Unit
VDD
1.26
46
53
55
58
30
42
52
mA
VPP
3.46
8
11
6
10
9
12
12
mA
VPPNVM
3.46
122
33
3
mA
VDDI
2.62
31
16
17
1
12
12
81
mA
3.46
62
31
36
1
12
17
84
mA
Number of banks
7
8
8
10
10
9
19
Table 14 •
Currents During Verify Cycle, 0 °C <= TJ <= 85 °C – Typical Process
Power Supplies
Voltage (V)
005
010
025
050
060
090
1501
1.
VPP and VPPNVM are internally shorted.
Unit
VDD
1.26
44
53
55
58
33
41
51
mA
VPP
3.46
653
15
811
12
mA
VPPNVM
3.46
100
111
mA
VDDI
2.62
31
16
17
1
12
11
81
mA
3.46
61
32
36
1
12
17
84
mA
Number of banks
7
8
8
10
10
9
19
Table 11 •
SmartFusion2 and IGLOO2 Quiescent Supply Current (VDD = 1.2 V) – Typical Process
Symbol
Modes
005
010
025
050
060
090
150
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com