Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 9Page - Microsemi Corporation DS0128 Datasheet HTML 10Page - Microsemi Corporation DS0128 Datasheet HTML 11Page - Microsemi Corporation DS0128 Datasheet HTML 12Page - Microsemi Corporation DS0128 Datasheet HTML 13Page - Microsemi Corporation DS0128 Datasheet HTML 14Page - Microsemi Corporation DS0128 Datasheet HTML 15Page - Microsemi Corporation DS0128 Datasheet HTML 16Page - Microsemi Corporation DS0128 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
Revision History
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
3
1.9
Revision 4.0
The following is a summary of the changes in revision 4.0 of this document.
•
Updated Table 1, page 5. Changed the Status of 090 devices to "Production" (SAR 62750).
•
Updated Figure 10, page 70. Removed inverter bubble from DDR_IN latch (SAR 61418).
•
Updated SerDes Electrical and Timing AC and DC Characteristics, page 120 (SAR 62836).
1.10
Revision 3.0
In revision 3.0 of this document, the Theta B/C columns and FCS325 package was updated. For more
information, see Table 9, page 11 (SAR 62002).
1.11
Revision 2.0
The following is a summary of the changes in revision 2.0 of this document.
•
Table 1, page 5 was updated (SAR 59056).
•
Table 7, page 9 temperature and data retention information was updated SAR (61363).
•
Storage Operating Table was updated and split into three tables – Table 5, page 8, Table 7, page 9
(SAR 58725).
•
Updated Theta B/C columns and FCS325 package in Table 9, page 11 (SAR 62002).
•
Added 090-FCS325 thermal resistance to Table 9, page 11 (SAR 59384).
•
TQ144 package was added to Table 9, page 11 (SAR 57708).
•
Added PLL jitter data for the VF400 package (SAR 53162).
•
Added Additional Worst Case IDD to Table 11, page 13 and Table 12, page 14 (SAR 59077).
•
Table 13, page 14, Table 14, page 14, and Table 15, page 15 were added to verify Inrush currents
(SAR 56348).
•
Table 18, page 20 and Table 21, page 21 – I/O speeds were replaced.
•
Max speed was changed in Table 41, page 27 (SAR 57221) and in Table 52, page 30 (SAR 57113).
•
Minimum and Maximum DC/AC Input and Output Levels Specification, page 30 and
Table 49, page 30–Table 57, page 32 were added.
•
Added Cload to Table 89, page 40 (SAR 56238).
•
Removed "Rs" information in DDR Timing Measurement Table 123, page 47, Table 133, page 50,
and Table 144, page 52.
•
Updated drive programming for M/B-LVDS outputs (SAR 58154).
•
Added an inverter bubble to DDR_IN latch in Figure 10, page 70 (SAR 61418).
•
QF waveform in Figure 11, page 71 was updated (SAR 59816).
•
uSRAM Write Clock minimum values were updated in Table 237, page 86–Table 243, page 93 (SAR
55236).
•
Fixed typo in the 32 kHz Crystal (XTAL) oscillator accuracy data section (SAR 59669).
•The "On-Chip Oscillator" section was split, and the Embedded NVM (eNVM) Characteristics,
page 104 was added. Table 277, page 107–Table 281, page 109 were revised.(SARs 57898 and
59669).
•
PLL VCP Frequency and conditions were added to Table 282, page 110 (SAR 57416).
•
Fixed typo for PLL jitter data in the 100-400 MHz range (SAR 60727).
•
Updated FCCC information in Table 282, page 110 and Table 283, page 111 (SAR 60799).
•
Device 025 specifications were added to Table 283, page 111 (SAR 51625).
•JTAG Table 284, page 111 was replaced (SAR 51188).
•
Flash*Freeze Table 293, page 119 was replaced (SAR 57828).
•
Added support for HCSL I/O Standard for SERDES reference clocks in Table 300, page 122 and
Table 301, page 122 (SAR 50748).
•
Tir and Tif parameters were added to Table 303, page 123 (SAR 52203).
•
Speed grade consistency was fixed in tables throughout the datasheet (SAR 50722).
•
Added jitter attenuation information (SAR 59405).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com