Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0128 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 31Page - Microsemi Corporation DS0128 Datasheet HTML 32Page - Microsemi Corporation DS0128 Datasheet HTML 33Page - Microsemi Corporation DS0128 Datasheet HTML 34Page - Microsemi Corporation DS0128 Datasheet HTML 35Page - Microsemi Corporation DS0128 Datasheet HTML 36Page - Microsemi Corporation DS0128 Datasheet HTML 37Page - Microsemi Corporation DS0128 Datasheet HTML 38Page - Microsemi Corporation DS0128 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
25
2.3.5.6
Single-Ended I/O Standards
2.3.5.6.1
Low Voltage Complementary Metal Oxide Semiconductor (LVCMOS)
LVCMOS is a widely used switching standard implemented in CMOS transistors. This standard is defined
by JEDEC (JESD 8-5). The LVCMOS standards supported in IGLOO2 FPGAs and SmartFusion2 SoC
FPGAs are: LVCMOS12, LVCMOS15, LVCMOS18, LVCMOS25, and LVCMOS33.
2.3.5.6.2
3.3 V LVCMOS/LVTTL
LVCMOS 3.3 V or Low-Voltage Transistor-Transistor Logic (LVTTL) is a general standard for 3.3 V
applications.
Minimum and Maximum DC/AC Input and Output Levels Specification
Table 29 •
LVTTL/LVCMOS 3.3 V DC Recommended DC Operating Conditions
(Applicable to MSIO I/O Bank Only)
Parameter
Symbol
Min
Typ Max
Unit
Supply voltage
VDDI
3.15
3.3
3.45
V
Table 30 •
LVTTL/LVCMOS 3.3 V Input Voltage Specification (Applicable to MSIO I/O
Bank Only)
Parameter
Symbol
Min
Max
Unit
DC input logic high
VIH (DC)
2.0
3.45
V
DC input logic low
VIL (DC)
–0.3
0.8
V
Input current high1
1.
See
Table 24, page 23.
IIH (DC)
Input current low1
IIL (DC)
Table 31 •
LVCMOS 3.3 V DC Output Voltage Specification (Applicable to MSIO I/O Bank
Only)
Parameter
Symbol
Min
Max
Unit
DC output logic high1
1.
The VOH/VOL test points selected ensure compliance with LVCMOS 3.3 V JESD8-B
requirements.
VOH
VDDI – 0.4
V
DC output logic low1
VOL
0.4
V
Table 32 •
LVTTL 3.3 V DC Output Voltage Specification (Applicable to MSIO I/O Bank Only)
Parameter
Symbol
Min
Max
Unit
DC output logic high
VOH
2.4
V
DC output logic low
VOL
0.4
V
Table 33 •
LVTTL/LVCMOS 3.3 V AC Maximum Switching Speed (Applicable to MSIO I/O Bank
Only)
Parameter
Symbol
Max Unit
Conditions
Maximum data rate
(for MSIO I/O bank)
DMAX
600
Mbps AC loading: 17 pF load, maximum
drive/slew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com