Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 45Page - STMicroelectronics STM32H7B0IB Datasheet HTML 46Page - STMicroelectronics STM32H7B0IB Datasheet HTML 47Page - STMicroelectronics STM32H7B0IB Datasheet HTML 48Page - STMicroelectronics STM32H7B0IB Datasheet HTML 49Page - STMicroelectronics STM32H7B0IB Datasheet HTML 50Page - STMicroelectronics STM32H7B0IB Datasheet HTML 51Page - STMicroelectronics STM32H7B0IB Datasheet HTML 52Page - STMicroelectronics STM32H7B0IB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
E13
B15
44
71
104
123
PA12
I/O
FT_u
TIM1_ETR, LPUART1_RTS, SPI2_SCK/
I2S2_CK, UART4_TX, USART1_RTS,
SAI2_FS_B, FDCAN1_TX, LCD_R5,
EVENTOUT
OTG_HS_DP
D11
B13
45
72
105
124
PA13(JTMS/
SWDIO)
I/O
FT
JTMS/SWDIO, EVENTOUT
-
D13
A14
46
73
106
125
VCAP
S
-
-
-
B10
M6
47
74
107
126
VSS
S
-
-
-
D12
A13
-
-
-
-
VDDLDO
S
-
-
-
A10
-
48
75
108
127
VDD
S
-
-
-
B13
C13
-
-
-
128
PH13
I/O
FT_h2
TIM8_CH1N, UART4_TX, FDCAN1_TX,
FMC_D21, LCD_G2, EVENTOUT
-
A13
B12
-
-
-
129
PH14
I/O
FT_h2
TIM8_CH2N, UART4_RX, FDCAN1_RX,
FMC_D22, DCMI_D4/PSSI_D4,
LCD_G3, EVENTOUT
-
-
D12
-
-
-
130
PH15
I/O
FT_h2
TIM8_CH3N, FMC_D23, DCMI_D11/
PSSI_D11, LCD_G4, EVENTOUT
-
-
-
-
-
-
131
PI0
I/O
FT_h2
TIM5_CH4, SPI2_SS/I2S2_WS,
FMC_D24, DCMI_D13/PSSI_D13,
LCD_G5, EVENTOUT
-
-
J9
-
-
-
-
VSS
S
-
-
-
-
-
-
-
-
132
PI1
I/O
FT_h2
TIM8_BKIN2, SPI2_SCK/I2S2_CK,
TIM8_BKIN2_COMP12, FMC_D25,
DCMI_D8/PSSI_D8, LCD_G6,
EVENTOUT
-
-
-
-
-
-
133
PI2
I/O
FT_h2
TIM8_CH4, SPI2_MISO/I2S2_SDI,
FMC_D26, DCMI_D9/PSSI_D9,
LCD_G7, EVENTOUT
-
-
-
-
-
-
134
PI3
I/O
FT_h2
TIM8_ETR, SPI2_MOSI/I2S2_SDO,
FMC_D27, DCMI_D10/PSSI_D10,
EVENTOUT
-
-
J10
-
-
-
135
VSS
S
-
-
-
-
-
-
-
-
136
VDD
S
-
-
-
B12
A12
49
76
109
137
PA14(JTCK/
SWCLK)
I/O
FT
JTCK/SWCLK, EVENTOUT
-
C11
A11
50
77
110
138
PA15(JTDI)
I/O
FT
JTDI, TIM2_CH1/TIM2_ETR,
HDMI_CEC, SPI1_SS/I2S1_WS,
SPI3_SS/I2S3_WS, SPI6_SS/I2S6_WS,
UART4_RTS, LCD_R3, UART7_TX,
LCD_B6, EVENTOUT
-
A12
C12
51
78
111
139
PC10
I/O
FT_h0
DFSDM1_CKIN5, DFSDM2_CKIN0,
SPI3_SCK/I2S3_CK, USART3_TX,
UART4_TX, OCTOSPIM_P1_IO1,
LCD_B1, SWPMI_RX, SDMMC1_D2,
DCMI_D8/PSSI_D8, LCD_R2,
EVENTOUT
-
B11
C11
52
79
112
140
PC11
I/O
FT_h0
DFSDM1_DATIN5, DFSDM2_DATIN0,
SPI3_MISO/I2S3_SDI, USART3_RX,
UART4_RX, OCTOSPIM_P1_NCS,
SDMMC1_D3, DCMI_D4/PSSI_D4,
LCD_B4, EVENTOUT
-
A11
B11
53
80
113
141
PC12
I/O
FT_h0
TRACED3, TIM15_CH1,
DFSDM2_CKOUT, SPI6_SCK/I2S6_CK,
SPI3_MOSI/I2S3_SDO, USART3_CK,
UART5_TX, SDMMC1_CK, DCMI_D9/
PSSI_D9, LCD_R6, EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 49/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com