Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 62Page - STMicroelectronics STM32H7B0IB Datasheet HTML 63Page - STMicroelectronics STM32H7B0IB Datasheet HTML 64Page - STMicroelectronics STM32H7B0IB Datasheet HTML 65Page - STMicroelectronics STM32H7B0IB Datasheet HTML 66Page - STMicroelectronics STM32H7B0IB Datasheet HTML 67Page - STMicroelectronics STM32H7B0IB Datasheet HTML 68Page - STMicroelectronics STM32H7B0IB Datasheet HTML 69Page - STMicroelectronics STM32H7B0IB Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 205 page
background image
6.3
Operating conditions
6.3.1
General operating conditions
Table 20. General operating conditions
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit
VDD
Standard operating voltage
-
1.62(1)
-
3.6
V
VDDLDO
Supply voltage for the internal regulator
VDDLDO ≤ VDD
1.62(1)
-
3.6
1.2(2)
-
3.6
VDDSMPS
Supply voltage for the internal SMPS Step-down
converter
VDDSMPS = VDD
1.62(1)
-
3.6
VDDMMC
Standard operating voltage for independent MMC
I/Os
Indenpent MMC I/Os
used
1.62(1)
-
3.6
Independent MMC I/Os
not used VDDMMC =
VDD
1.62(1)
-
3.6
VDD33USB
Standard operating voltage, USB domain
USB used
3.0
-
3.6
USB not used
0
-
3.6
VDDA
Analog operating voltage
ADC or COMP used
1.62
-
3.6
DAC used
1.8
-
OPAMP used
2.0
-
VREFBUF used
1.8
-
ADC, DAC, OPAMP,
COMP, VREFBUF not
used
0
-
VBAT
Backup operating voltage
-
1.2
-
3.6
VIN
I/O Input voltage
TT_xx I/O
−0.3
-
VDD+0.3
BOOT0
0
-
9
All I/O except BOOT0
and TT_xx
−0.3
-
Min(VDD,
VDDA,
VDD33USB,
VDDMMC)
+3.6 V <
5.5 V(3)
VCORE
Internal regulator ON (LDO or SMPS)(4)
VOS3 (max frequency
88 MHz)
0.95
1.0
1.05
VOS2 (max frequency
160 MHz)
1.05
1.10
1.15
VOS1 (max frequency
225 MHz)
1.15
1.20
1.25
VOS0 (max frequency
280 MHz)
1.25
1.30
1.35
Regulator OFF: external VCORE voltage must be
supplied from external regulator on VCAP pins
VOS3 (max frquency
88 MHz)
0.97
1.0
1.05
VOS2 (max frequency
160 MHz)
1.07
1.10
1.15
VOS1 (max frequency
225 MHz)
1.17
1.20
1.25
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 66/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com