Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 7Page - STMicroelectronics STM32H7B0IB Datasheet HTML 8Page - STMicroelectronics STM32H7B0IB Datasheet HTML 9Page - STMicroelectronics STM32H7B0IB Datasheet HTML 10Page - STMicroelectronics STM32H7B0IB Datasheet HTML 11Page - STMicroelectronics STM32H7B0IB Datasheet HTML 12Page - STMicroelectronics STM32H7B0IB Datasheet HTML 13Page - STMicroelectronics STM32H7B0IB Datasheet HTML 14Page - STMicroelectronics STM32H7B0IB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
3
Functional overview
3.1
Arm® Cortex®-M7 with FPU
The Arm® Cortex®-M7 with double-precision FPU processor is the latest generation of Arm processors
for embedded systems. It was developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and optimized power consumption, while delivering outstanding
computational performance and low interrupt latency.
The Cortex®-M7 processor is a highly efficient high-performance featuring:
•
Six-stage dual-issue pipeline
•
Dynamic branch prediction
•
Harvard architecture with L1 caches (16 Kbytes of I-cache and 16 Kbytes of D-cache)
•
64-bit AXI4 interface
•
64-bit ITCM interface
•
2x32-bit DTCM interfaces
The following memory interfaces are supported:
•
Separate Instruction and Data buses (Harvard Architecture) to optimize CPU latency
•
Tightly Coupled Memory (TCM) interface designed for fast and deterministic SRAM accesses
•
AXI Bus interface to optimize Burst transfers
•
Dedicated low-latency AHB-Lite peripheral bus (AHBP) to connect to peripherals.
The processor supports a set of DSP instructions which allow efficient signal processing and complex algorithm
execution.
It also supports single and double precision FPU (floating point unit) speeds up software development by using
metalanguage development tools, while avoiding saturation.
Refer to Figure 1. STM32H7B0xB block diagram for the general block diagram of the STM32H7B0xB family.
Note:
Cortex®-M7 with FPU core is binary compatible with the Cortex®-M4 core.
3.2
Memory protection unit (MPU)
The memory protection unit (MPU) manages the CPU access rights and the attributes of the system resources.
It has to be programmed and enabled before use. Its main purposes are to prevent an untrusted user program
to accidentally corrupt data used by the OS and/or by a privileged task, but also to protect data processes or
read-protect memory regions.
The MPU defines access rules for privileged accesses and user program accesses. It allows defining up to 16
protected regions that can in turn be divided into up to 8 independent subregions, where region address, size, and
attributes can be configured. The protection area ranges from 32 bytes to 4 Gbytes of addressable memory.
When an unauthorized access is performed, a memory management exception is generated.
3.3
Memories
3.3.1
Embedded flash memory
The STM32H7B0xB devices embed up to 128 Kbytes of flash memory that can be used for storing programs and
data.
The flash memory is organized as 137-bit flash words memory that can be used for storing both code and data
constants. Each word consists of:
•
One flash word (4 words, 16 bytes or 128 bits)
•
9 ECC bits.
The Flash memory is organized as follows:
•
128 Kbytes of user Flash memory, containing 16 user sectors of 8 Kbytes each
•
128 Kbytes of System Flash memory from which the device can boot.
•
1 Kbyte of OTP (one-time programmable) memory containing option bytes for user configuration.
STM32H7B0xB
Functional overview
DS13196 - Rev 7
page 11/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com