Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 22Page - STMicroelectronics STM32H7B0IB Datasheet HTML 23Page - STMicroelectronics STM32H7B0IB Datasheet HTML 24Page - STMicroelectronics STM32H7B0IB Datasheet HTML 25Page - STMicroelectronics STM32H7B0IB Datasheet HTML 26Page - STMicroelectronics STM32H7B0IB Datasheet HTML 27Page - STMicroelectronics STM32H7B0IB Datasheet HTML 28Page - STMicroelectronics STM32H7B0IB Datasheet HTML 29Page - STMicroelectronics STM32H7B0IB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 205 page
background image
•
Support for STM32 Octo-SPI prefetching mechanism.
•
Encryption mode
3.34
Timers and watchdogs
The devices include two advanced-control timers, ten general-purpose timers, two basic timers, three low-power
timers, two watchdogs and a SysTick timer.
All timer counters can be frozen in Debug mode.
Table 4. Timer feature comparison compares the features of the advanced-control, general-purpose and basic
timers.
Table 4. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA
request
generation
Capture/
compare
channels
Comple-
mentary
output
Max
interface
clock
(MHz)
Max
timer
clock
(MHz)
(1)
Advanced-
control
TIM1,
TIM8
16-bit
Up, Down,
Up/down
Any integer
between 1 and
65536
Yes
4
Yes
140
280
General
purpose
TIM2,
TIM5
32-bit
Up, Down,
Up/down
Any integer
between 1 and
65536
Yes
4
No
140
280
TIM3,
TIM4
16-bit
Up, Down,
Up/down
Any integer
between 1 and
65536
Yes
4
No
140
280
TIM12
16-bit
Up
Any integer
between 1 and
65536
No
2
No
140
280
TIM13,
TIM14
16-bit
Up
Any integer
between 1 and
65536
No
1
No
140
280
TIM15
16-bit
Up
Any integer
between 1 and
65536
Yes
2
1
140
280
TIM16,
TIM17
16-bit
Up
Any integer
between 1 and
65536
Yes
1
1
140
280
Basic
TIM6,
TIM7
16-bit
Up
Any integer
between 1 and
65536
Yes
0
No
140
280
Low-power
timer
LPTIM1,
LPTIM2,
LPTIM3
16-bit
Up
1, 2, 4, 8, 16, 32,
64, 128
No
0
No
140
280
1. The maximum timer clock is up to 280 MHz depending on TIMPRE bit in the RCC_CFGR register and CDPRE1/2 bits in RCC_CDCFGR
register.
3.34.1
Advanced-control timers (TIM1, TIM8)
The advanced-control timers (TIM1, TIM8) can be seen as three-phase PWM generators multiplexed on 6
channels. They have complementary PWM outputs with programmable inserted dead times. They can also be
considered as complete general-purpose timers. Their 4 independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge- or center-aligned modes)
•
One-pulse mode output
STM32H7B0xB
Timers and watchdogs
DS13196 - Rev 7
page 26/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com