Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 86Page - STMicroelectronics STM32H7B0IB Datasheet HTML 87Page - STMicroelectronics STM32H7B0IB Datasheet HTML 88Page - STMicroelectronics STM32H7B0IB Datasheet HTML 89Page - STMicroelectronics STM32H7B0IB Datasheet HTML 90Page - STMicroelectronics STM32H7B0IB Datasheet HTML 91Page - STMicroelectronics STM32H7B0IB Datasheet HTML 92Page - STMicroelectronics STM32H7B0IB Datasheet HTML 93Page - STMicroelectronics STM32H7B0IB Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 205 page
background image
Figure 21. High-speed external clock source AC timing diagram
OS C _IN
External
STM32
clock source
VHSEH
tf(HSE)
tW(HSE)
IL
90 %
10 %
THSE
t
tr(HSE)
tW(HSE)
fHSE_ext
VHSEL
Low-speed external user clock generated from an external source
In bypass mode, the LSE oscillator is switched off and the input pin is a standard I/O. The external clock
signal has to respect Table 46. Low-speed external user clock characteristics in addition to Table 63. I/O static
characteristics. The external clock can be low-swing (analog) or digital. In case of a low-swing analog input clock,
the clock squarer must be activated (refer to RM0455).
Table 46. Low-speed external user clock characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
fLSE_ext
User external clock source frequency
External digital/analog clock
-
32.768
1000
kHz
VLSEH
Digital OSC32_IN input high-level voltage
External digital clock
0.7 VDD
-
VDD
V
VLSEL
OSC32_IN input low-level voltage
VSS
-
0.3 VDD
tw(LSEH)/ tw(LSEL)
OSC32_IN high or low time
External digital clock
250
-
-
ns
Vlsw_H
Analog low-swing OSC_IN high-level voltage
External analog low-swing clock
0.6
-
1.225
V
Vlsw_L
Analog low-swing OSC_IN low-level voltage
0.35
-
0.8
VlswLSE (VLSEH−VLSEL)
Analog low-swing OSC_IN peak-to-peak
amplitude
0.2
-
0.875
DuCyLSE
Analog low-swing OSC_IN duty cycle
45
50
55
%
tr(LSE)/tf(LSE)
Analog low-swing OSC_IN rise and fall times
External analog low-swing clock,
10% to 90%
-
100
200
ns
1. Guaranteed by design.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 90/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com