Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 36Page - STMicroelectronics STM32H7B0IB Datasheet HTML 37Page - STMicroelectronics STM32H7B0IB Datasheet HTML 38Page - STMicroelectronics STM32H7B0IB Datasheet HTML 39Page - STMicroelectronics STM32H7B0IB Datasheet HTML 40Page - STMicroelectronics STM32H7B0IB Datasheet HTML 41Page - STMicroelectronics STM32H7B0IB Datasheet HTML 42Page - STMicroelectronics STM32H7B0IB Datasheet HTML 43Page - STMicroelectronics STM32H7B0IB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 205 page
background image
Figure 9. UFBGA176+25 (STM32H7B0xB with SMPS) ballout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
VSS
PB8
VDDLDO
VCAP
PB6
PB3
PG11
PG9
PD3
PD1
PA15
PA14
VDDLDO
VCAP
VSS
B
PE4
PE3
PB9
PE0
PB7
PB4
PG13
PD7
PD5
PD2
PC12
PH14
PA13
PA8
PA12
C
PC13
VSS
PE2
PE1
BOOT0
PB5
PG14
PG10
PD4
PD0
PC11
PC10
PH13
PA10
PA11
D
PC15-
OSC32_
OUT
PC14-
OSC32_IN
PE5
PDR_ON
VDD
MMC
VSS
PG15
PG12
PD6
VSS
VDD
PH15
PA9
PC8
PC7
E
VSS
VBAT
PE6
VDD
VDD
PC9
PC6
VDD50
USB
F
VLX
SMPS
VSS
SMPS
PF1
PF0
VSS
VSS
VSS
VSS
VSS
VSS
VDD33
USB
PG6
PG5
G
VDD
SMPS
VFB
SMPS
PF2
VDD
VSS
VSS
VSS
VSS
VSS
PG8
PG7
PG4
PG2
H
PF6
PF4
PF5
PF3
VSS
VSS
VSS
VSS
VSS
VDD
PG3
PD14
PD13
J
PH0-
OSC_IN
PF8
PF7
PF9
VSS
VSS
VSS
VSS
VSS
PD15
PD11
VSS
PD12
K
PH1-
OSC_
OUT
VSS
PF10
VDD
VSS
VSS
VSS
VSS
VSS
VSS
PD9
PB15
PB14
L
NRST
PC0
PC1
VREF−
VDD
PD10
PD8
PB13
M
PC2
PC3
VREF+
VDDA
VDD
VSS
PC5
PB1
VDD
VSS
PH7
PE14
PH11
PH9
PB12
N
PC2_C
PC3_C
VSSA
PH2
PA3
PA7
PF11
PE8
PG1
PF15
PF13
PB10
PH8
PH10
PH12
P
PA0
PA1
PA1_C
PH4
PA4
PA5
PB2
PG0
PE7
PB11
PF12
PE12
PE13
PE15
PH6
R
VSS
PA2
PA0_C
PH3
PH5
PC4
PA6
PB0
PE10
PF14
PE9
PE11
VCAP
VDDLDO
VSS
1.
The above figure shows the package top view.
2.
The devices with SMPS correspond to commercial code STM32H7B0IIK6Q.
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin
function during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
ANA
Analog-only Input
I/O structure
FT
5 V tolerant I/O
TT
3.3 V tolerant I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with
embedded weak pull-up resistor
Option for TT and FT I/Os
_f
I2C FM+ option
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 40/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com