Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 66Page - STMicroelectronics STM32H7B0IB Datasheet HTML 67Page - STMicroelectronics STM32H7B0IB Datasheet HTML 68Page - STMicroelectronics STM32H7B0IB Datasheet HTML 69Page - STMicroelectronics STM32H7B0IB Datasheet HTML 70Page - STMicroelectronics STM32H7B0IB Datasheet HTML 71Page - STMicroelectronics STM32H7B0IB Datasheet HTML 72Page - STMicroelectronics STM32H7B0IB Datasheet HTML 73Page - STMicroelectronics STM32H7B0IB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 205 page
background image
Table 25. SMPS step-down converter characteristics for external usage
Symbol
Conditions
Min
Typ
Max
Unit
VDDSMPS(1)
VOUT = 1.8 V
2.3
-
3.6
V
VOUT = 2.5 V
3
-
3.6
VOUT(2)
IOUT=600 mA
2.25
2.5
2.75
V
1.62
1.8
1.98
IOUT
internal and external usage
-
-
600
mA
External usage only(3)
-
-
600
RDSON
-
-
100
120
mΩ
IDDSMPS_Q
Quiescent current
-
220
-
µA
TSMPS_START
VOUT = 1.8 V
-
270
405
µs
VOUT = 2.5 V
-
360
540
1. The switching frequency is 2.4 MHz±10%
2. Including line transient and load transient.
3. These characteristics are given for SMPSEXTHP bit is set in the PWR_CR3 register.
The SMPS current consumption can be determined using the following formula based on the maximum LDO
current consumption provided in Section 6.3.7 Supply current characteristics:
IDDSMPS=IDDLDO× VCORE÷ VDD×efficency
where
IDDLDO is the current in LDO configuration given in the following tables
VCORE is the digital core supply (VCAP)
Efficiency is defined in the following curves.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 70/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com