Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 85Page - STMicroelectronics STM32H7B0IB Datasheet HTML 86Page - STMicroelectronics STM32H7B0IB Datasheet HTML 87Page - STMicroelectronics STM32H7B0IB Datasheet HTML 88Page - STMicroelectronics STM32H7B0IB Datasheet HTML 89Page - STMicroelectronics STM32H7B0IB Datasheet HTML 90Page - STMicroelectronics STM32H7B0IB Datasheet HTML 91Page - STMicroelectronics STM32H7B0IB Datasheet HTML 92Page - STMicroelectronics STM32H7B0IB Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 205 page
background image
Symbol
Parameter
Conditions
Typ(1) Max(1)(2)
Unit
tWUDSTOP2(3)
Wakeup from DStop2, clock kept
running
SVOS3 LP, CSI, flash memory in low-power mode
µs
51.3
62
SVOS4, CSI, flash memory in low-power mode
62.0
75
SVOS5, CSI, flash memory in low-power mode
77.3
93
tWUSTDBY(3)
Wakeup from Standby mode
-
257
330
1. Guaranteed by characterization results.
2. Measures done at −40 °C in the worst conditions.
3. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.
6.3.9
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode, the HSE oscillator is switched off and the input pin is a standard I/O.
The external clock signal has to respect Table 45. High-speed external user clock characteristics in addition to
Table 63. I/O static characteristics. The external clock can be low-swing (analog) or digital. In case of a low-swing
analog input clock, the clock squarer must be activated (refer to RM0455).
Table 45. High-speed external user clock characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
fHSE_ext
User external clock source
frequency
External digital/analog
clock
4
25
50
MHz
VHSEH
Digital OSC_IN input high-
level voltage
External digital clock
0.7 VDD
-
VDD
V
VHSEL
Digital OSC_IN input low-level
voltage
VSS
-
0.3 VDD
tW(HSEH)/tW(HSEL)(2)
Digital OSC_IN input high or
low time
External digital clock
7
-
-
ns
VlswHSE
(VHSEH−VHSEL)(3)
Analog low-swing OSC_IN
peak-to-peak amplitude
External analog low-
swing clock
0.2
-
2/3 VDD
V
DuCyHSE
Analog low-swing OSC_IN
duty cycle
45
50
55
%
tr(HSE)/tf(HSE)
Analog low-swing OSC_IN rise
and fall times
External analog low-
swing clock, 10% to 90%
0.05 / fHSE_ext
-
0.3 / fHSE_ext
ns
1. Guaranteed by design.
2. The rise and fall times for a digital input signal are not specified. However the VHSEH and VHSEL conditions must be fulfilled.
3. The DC component of the signal must ensure that the signal peaks are located between VDD and VSS.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 89/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com