Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 5 Page - STMicroelectronics

  STM32H7B0IB Datasheet HTML 1Page - STMicroelectronics STM32H7B0IB Datasheet HTML 2Page - STMicroelectronics STM32H7B0IB Datasheet HTML 3Page - STMicroelectronics STM32H7B0IB Datasheet HTML 4Page - STMicroelectronics STM32H7B0IB Datasheet HTML 5Page - STMicroelectronics STM32H7B0IB Datasheet HTML 6Page - STMicroelectronics STM32H7B0IB Datasheet HTML 7Page - STMicroelectronics STM32H7B0IB Datasheet HTML 8Page - STMicroelectronics STM32H7B0IB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 205 page
background image
2
Description
STM32H7B0xB devices are based on the high-performance Arm® Cortex®-M7 32-bit RISC core operating at up
to 280 MHz. The Cortex® -M7 core features a floating point unit (FPU) which supports Arm® double-precision
(IEEE 754 compliant) and single-precision data-processing instructions and data types. STM32H7B0xB devices
support a full set of DSP instructions and a memory protection unit (MPU) to enhance application security.
STM32H7B0xB devices incorporate high-speed embedded memories with a flash memory of 128 Kbytes, around
1.4 Mbyte of RAM (including 192 Kbytes of TCM RAM, 1.18 Mbytes of user SRAM and 4 Kbytes of backup
SRAM), as well as an extensive range of enhanced I/Os and peripherals connected to four APB buses, three AHB
buses, a 32-bit multi-AHB bus matrix and a multi layer AXI interconnect supporting internal and external memory
access.
All the devices offer two ADCs, two DACs (one dual and one single DAC), two ultra-low power comparators, a
low-power RTC, 12 general-purpose 16-bit timers, two PWM timers for motor control, three low-power timers,
a true random number generator (RNG), and a cryptographic acceleration cell and a HASH processor. The
devices support nine digital filters for external sigma delta modulators (DFSDM). They also feature standard and
advanced communication interfaces.
•
Standard peripherals
–
Four I2Cs
–
Five USARTs, five UARTs and one LPUART
–
Six SPIs, four I2Ss in full-duplex mode. To achieve audio class accuracy, the I2S peripherals can be
clocked via a dedicated internal audio PLL or via an external clock to allow synchronization.
–
Two SAI serial audio interfaces, out of which one with PDM
–
One SPDIFRX interface
–
One single wire protocol master interface (SWPMI)
–
One 16-bit parallel synchronous slave interface (PSSI) sharing the same interface as the digital
camera)
–
Management Data Input/Output (MDIO) slaves
–
Two SDMMC interfaces (one can be supplied from a supply voltage separate from that of all other I/Os)
–
A USB OTG high-speed with full-speed capability (with the ULPI)
–
One FDCAN plus one TT-CAN interface
–
Chrom-ART Accelerator
–
HDMI-CEC
•
Advanced peripherals including
–
A flexible memory control (FMC) interface
–
Two octo-SPI memory interface with on-the-fly decryption (OTFDEC)
–
A digital camera interface for CMOS sensors (DCMI)
–
A graphic memory management unit (GFXMMU)
–
An LCD-TFT display controller (LTDC)
–
A JPEG hardware compressor/decompressor
Refer to Table 1. STM32H7B0xB features and peripheral counts for the list of peripherals available on each part
number.
STM32H7B0xB devices operate in the –40 to +85 °C ambient temperature range from a 1.62 to 3.6 V
power supply. The supply voltage can drop down to 1.62 V by using an external power supervisor (see
Section 3.5.2 Power supply supervisor) and connecting the PDR_ON pin to VSS. Otherwise the supply voltage
must stay above 1.71 V with the embedded power voltage detector enabled.
The USB OTG_HS/FS interfaces can be supplied either by the integrated USB regulator or through a separate
supply input.
A dedicated supply input is available for one of the SDMMC interface for package with more than 100 pins. It
allows running from a different voltage level than all other I/Os.
A comprehensive set of power-saving mode allows the design of low-power applications.
The CPU and domain states can be directly monitored on some GPIOs configured as alternate functions.
STM32H7B0xB devices are offers in several packages ranging from 64 pins to 225 pins/balls. The set of included
peripherals changes with the device chosen.
STM32H7B0xB
Description
DS13196 - Rev 7
page 5/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com