Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 143Page - STMicroelectronics STM32H7B0IB Datasheet HTML 144Page - STMicroelectronics STM32H7B0IB Datasheet HTML 145Page - STMicroelectronics STM32H7B0IB Datasheet HTML 146Page - STMicroelectronics STM32H7B0IB Datasheet HTML 147Page - STMicroelectronics STM32H7B0IB Datasheet HTML 148Page - STMicroelectronics STM32H7B0IB Datasheet HTML 149Page - STMicroelectronics STM32H7B0IB Datasheet HTML 150Page - STMicroelectronics STM32H7B0IB Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 205 page
background image
Note:
At VOS1, the performance in Transmit mode can be degraded by up to 5 % compared to VOS0. This is
indicated by a footnote when applicable.
Table 108. PSSI transmit characteristics
Guaranteed by characterization results.
Symbol
Parameter
Min
Max(1)
Unit
-
Frequency ratio PSSI_PDCK/fHCLK
-
0.4
-
PSSI_PDCK
PSSI clock input
-
50
MHz
Dpixel
PSSI clock input duty cycle
30
70
%
tdv(DATA)
Data output valid time
-
10
ns
tdh(DATA)
Data output hold time
5
-
tdv((DE)
DE output valid time
-
14
tdh(DE)
DE output hold time
6
-
tsu(RDY)
RDY input setup time
3
-
th(RDY)
RDY input hold time
0
-
1. At VOS1, these values are degraded by up to 5 %.
Table 109. PSSI receive characteristics
Guaranteed by characterization results.
Symbol
Parameter
Min
Max
-
Frequency ratio PSSI_PDCK/fHCLK
-
0.4
PSSI_PDCK
PSSI clock input
-
100
Dpixel
PSSI clock input duty cycle
30
70
tsu(DATA)
Data input setup time
2
-
th(DATA)
Data input hold time
1
-
tsu((DE)
DE input setup time
3
-
th(DE)
DE input hold time
1
-
tov(RDY)
RDY output valid time
-
10
toh(RDY)
RDY output hold time
4.5
-
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 147/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com