Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 155Page - STMicroelectronics STM32H7B0IB Datasheet HTML 156Page - STMicroelectronics STM32H7B0IB Datasheet HTML 157Page - STMicroelectronics STM32H7B0IB Datasheet HTML 158Page - STMicroelectronics STM32H7B0IB Datasheet HTML 159Page - STMicroelectronics STM32H7B0IB Datasheet HTML 160Page - STMicroelectronics STM32H7B0IB Datasheet HTML 161Page - STMicroelectronics STM32H7B0IB Datasheet HTML 162Page - STMicroelectronics STM32H7B0IB Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 205 page
background image
6.3.36.5
SAI characteristics
Unless otherwise specified, the parameters given in Table 118 for SAI are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 20. General
operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
IO Compensation cell activated.
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics (SCK,SD,WS).
Table 118. SAI characteristics
Symbol
Parameter
Conditions
Min(1) Max(1)(2) Unit
fMCK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency
Master transmitter, 2.7 ≤ VDD ≤ 3.6 V
-
34
Master transmitter, 1.62 ≤ VDD ≤ 3.6 V
-
27
Master receiver, 1.6 ≤ VDD ≤ 3.6 V
-
27
Slave transmitter, 2.7 ≤ VDD ≤ 3.6 V
-
37
Slave transmitter, 1.62 ≤ VDD ≤ 3.6 V
-
30
Slave receiver, 1.62 ≤ VDD≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode,2.7 ≤ VDD ≤ 3.6 V
-
14.5
ns
Master mode, 1.62 ≤ VDD ≤ 3.6 V
-
18.5
tsu(FS)
FS setup time
Slave mode
8
-
th(FS)
FS hold time
Master mode
1
-
FS hold time
Slave mode
2
-
tsu(SD_A_MR)
Data input setup time
Master receiver
0.5
-
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5.5
-
th(SD_B_SR)
Slave receiver
3
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge), 2.7 ≤ VDD ≤ 3.6 V
-
13.5
Slave transmitter (after enable edge), 1.62 ≤ VDD ≤ 3.6 V
-
16.5
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
8
-
tv(SD_A_MT)
Data output valid time
Master transmitter (after enable edge), 2.7 ≤ VDD ≤ 3.6 V
-
14
Master transmitter (after enable edge), 1.62 ≤ VDD ≤ 3.6 V
-
18
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
7.5
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. APB clock frequency must be at least twice SAI clock frequency.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 159/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com