Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 23 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 24Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 25Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 26Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Table 15. Functional Pad electrical characteristics (continued)
Symbol
Prop. Delay (ns)1
L>H/H>L
Rise/Fall Edge (ns)2
Drive Load (pF)
SIUL2_MSCR[SRC
]
Min
Max
Min
Max
MSB,LSB
8.3/9.6
45/45
4/3.5
25/25
50
013
13.5/15
65/65
6.3/6.2
30/30
200
13/13
75/75
6.8/6
40/40
50
003
21/22
100/100
11/11
51/51
200
pad_sr_hv
(input)4
2/2
0.5/0.5
0.5
NA
1. As measured from 50% of core side input to Voh/Vol of the output
2. Measured from 20% - 80% of output voltage swing
3. Slew rate control modes
4. Input slope = 2ns
NOTE
Data based on characterization results, not tested in production.
Table 16. Functional Pad AC Specifications
Symbol
Parameter
Value
Unit
Min
Typ
Max
pad_sr_hv(Cp)
Parasitic Input Pin Capacitance
4.5
4.7
5.0
pF
5.3 Aurora LVDS driver electrical characteristics
NOTE
The Aurora interface is AC coupled, so there is no common-
mode voltage specification.
Table 17. Aurora LVDS driver electrical characteristics
Symbol
Parameter1
Value
Unit
Min
Typ
Max
FTXRX
Data rate
—
—
1.15
Gbps
Transmitter Specifications
Vdiffout
Differential output voltage swing (terminated)
+/- 400
+/- 600
+/- 800
mV
Trise/Tfall
Rise/Fall time (10% - 90% of swing)
60
ps
Receiver Specifications
Vdiffin
Differential voltage
+/- 100
+/- 800
mV
Termination
Table continues on the next page...
I/O Parameters
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com