Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 40Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
Table 35. RGMII signal switching specifications
(continued)
Symbol
Description
Min
Typ
Max
Unit
Notes
Duty_G
Duty cycle for Gigabit
45
50
55
%
3
Duty_T
Duty cycle for 10/100T
40
50
60
%
3
Tr/Tf
Rise/fall time (20–80%)
—
—
1.5
ns
1. For 10 Mbps and 100 Mbps, Tcyc will scale to 400 ns ±40 ns and 40 ns ±4 ns respectively.
2. For all versions of RGMII prior to 2.0; This implies that PC board design will require clocks to be routed such that an
additional trace delay of greater than 1.5 ns and less than 2.0 ns will be added to the associated clock signal. For 10/100
the Max value is unspecified.
3. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domain as
long as minimum duty cycle is not violated and stretching occurs for no more than three Tcyc of the lowest speed
transitioned between.
TskewT
TskewR
TXD[3:0]
TXD[8:5]
TXD[7:4]
TXD[4]
TXEN
TXD[9]
TXERR
TXC (at transmitter)
TXD[n:0]
TX_CTL
TXC (at receiver)
Figure 14. RGMII transmit signal timing diagram
TskewT
TskewR
RXD[3:0]
RXD[8:5]
RXD[7:4]
RXD[4]
RXDV
RXD[9]
RXERR
RXC (at transmitter)
RXD[n:0]
RX_CTL
RXC (at receiver)
Figure 15. RGMII receive signal timing diagram
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
44
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com