Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 45 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
9.1.4 MII/RMII Serial Management channel timing (MDC/MDIO)
The MDC/MDIO interface works at 3.3V compatible levels as mentioned in CMOS input
(vih/vil/voh/vol/)values in I/O pad DC electrical characteristics .
Ethernet works with maximum frequency of MDC at 2.5 MHz. Output pads configured
with SRC=11. MDIO pin must have external pull-up. Measurements are with input
transition of 1.0 ns and output load of 50 pF.
Table 36. Ethernet MDIO timing table
Num
Description
Min.
Max.
Unit
MDC00 MDC clock frequency
—
2.5
MHz
MDC10 MDC falling edge to MDIO
output invalid (minimum
propagation delay)
(-0.8 +
(ENET_MSCR[HOLDTIME]
+1)*(PBRIDGE_n_CLK period in
ns))
—
ns
MDC11 MDC falling edge to MDIO
output valid (maximum
propagation delay)
—
(13 + (ENET_MSCR[HOLDTIME]
+1)*(PBRIDGE_n_CLK period in
ns))
ns
MDC12 MDIO (input) to MDC rising
edge setup
13
—
ns
MDC13 MDIO (input) to MDC rising
edge hold
0
—
ns
MDC14 MDC pulse width high
40%
60%
MDC Period
MDC15 MDC pulse width low
40%
60%
MDC Period
MDC (output)
MDIO (output)
MDIO (input)
MDC10
MDC11
MDC12 MDC13
MDC14
MDC15
Figure 16. RMII/MII serial management channel timing diagram
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com