Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 49Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
9.2 FlexRay timing parameters
This section provides the FlexRay interface timing characteristics for the input and output
signals. These numbers are recommended per the FlexRay Electrical Physical Layer
Specification, Version 3.0.1, and subject to change per the final timing analysis of the
device.
9.2.1 TxEN
dCCTxENRISE
dCCTxENFALL
20 %
80 %
TxEN
Figure 17. FlexRay TxEN signal
Table 37. TxEN output characteristics1
Name
Description
Min
Max
Unit
dCCTxENRISE25
Rise time of TxEN signal at CC
—
9
ns
dCCTxENFALL25
Fall time of TxEN signal at CC
—
9
ns
dCCTxEN01
Sum of delay between Clk to Q of the last FF and the final
output buffer, rising edge
—
25
ns
dCCTxEN10
Sum of delay between Clk to Q of the last FF and the final
output buffer, falling edge
—
25
ns
1. All parameters specified for VDD_HV_IOx = 3.3 V -5%, +10%, TJ = –40 °C / 150 °C, TxEN pin load maximum 25 pF.
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com