Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 55Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 56Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 57Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 58Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 59Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 60Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Figure 31. I2C input/output timing
Debug modules
10.1 JTAG/CJTAG interface timing
The following table lists JTAGC/CJTAG electrical characteristics.
• Measurements are with input transition of 1 ns, output load of 50 pF and pads
configured with SRE=11.
Table 46. JTAG/CJTAG pin AC electrical characteristics 1
#
Symbol
Characteristic
Min
Max
Unit
1
tJCYC2
TCK Cycle Time (JTAG)
36
—
ns
TCK Cycle Time (CJTAG)
50
2
tJDC
TCK Clock Pulse Width
40
60
%
3
tTCKRISE
TCK Rise and Fall Times (40% - 70%)
—
3
ns
4
tTMSS, tTDIS TMS, TDI Data Setup Time
5
—
ns
5
tTMSH, tTDIH TMS, TDI Data Hold Time
5
—
ns
6
tTDOV
TCK Low to TDO/TMS Data Valid 3
—
154
ns
7
tTDOI
TCK Low to TDO/TMS Data Invalid3
0
—
ns
8
tTDOHZ
TCK Low to TDO/TMS High Impedance3
—
22
ns
9
tJCMPPW
JCOMP Assertion Time
100
—
ns
10
tJCMPS
JCOMP Setup Time to TCK Low
40
—
ns
11
tBSDV
TCK Falling Edge to Output Valid
—
6005
ns
12
tBSDVZ
TCK Falling Edge to Output Valid out of High
Impedance
—
600
ns
13
tBSDHZ
TCK Falling Edge to Output High Impedance
—
600
ns
14
tBSDST
Boundary Scan Input Valid to TCK Rising Edge
15
—
ns
Table continues on the next page...
10
Debug modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com