Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Table 53. D-PHY switching characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ΔVCMRX(HF)
Common mode interference beyond
450 MHz
-
-
100
mVpp
ΔVCMRX(LF)
Common mode interference between
50 MHz and 450 MHz
-50
-
50
mVpp
CCM
Common mode termination
-
-
60
pF
LP Line Receiver AC Specification
eSPIKE
Input pulse rejection
-
-
300
Vps
T MIN
Minimum pulse response
20
-
-
ns
VINT
Pk-to-Pk interference voltage
-
-
200
mV
fINT
Interference frequency
450
-
-
MHz
14.1.4 Low-power receiver timing
Figure 40. Input Glitch Rejection of Low-Power Receivers
Radar module
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com