Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
Radar module
14.1 MIPICSI2 D-PHY electrical and timing specifications
This section describes MIPICSI21 D-PHY electrical specifications, compliant with
MIPICSI2 version 1.1, D-PHY specification Rev. 1.0 (for MIPI sensor port x4 lanes).
15 kΩ
(+/-1%)
REXT
Figure 38. MIPICSI2 circuit
Table 51. Calibrator specifications
Symbol
Parameters
Min
Typ
Max
Unit
REXT
External reference resistor, 1% accuracy (or better), for auto
calibration
-
15
-
kΩ
Tcal
Time from when PD signal goes low to when CALCOMPL goes high
-
2
2.5
μs
14.1.1 Electrical and timing information
Table 52. Electrical and timing information
Symbol
Parameters
Min
Typ
Max
Unit
HS Line Receiver DC Specifications
VIDTH
Differential input high voltage threshold
-
-
70
mV
VIDTL
Differential input low voltage threshold
-70
-
-
mV
VIHHS
Single ended input high voltage
-
-
460
mV
VILHS
Single ended input low voltage
-40
-
-
mV
VCMRXDC
Input common mode voltage
70
-
330
mV
VTERM-EN
Single-ended threshold for HS termination
enable
-
-
450
mV
ZID
Differential input impedance
80
-
125
ohm
LP Line Receiver DC Specifications
VILLP
Input low voltage
-
-
550
mV
Table continues on the next page...
14
1. All rights reserved. This material is reprinted with the permission of the MIPI Alliance, Inc. No part(s) of this document may
be disclosed, reproduced or used for any purpose other than as needed to support the use of the products of NXP
Semiconductors.
Radar module
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com