Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
14.1.5 Data to clock timing
Figure 41. Definition
Table 54. Data to clock timing specifications
Symbol
Parameter
Min
Typ
Max
Unit
TCLKP
Clock Period
40
-
500
MHz
UIINST
UI Instantaneuous
1
-
12.5
ns
TSETUP
Data to Clock Setup Time
0.15
-
-
UIINST
THOLD
Clock to Data Hold Time
0.15
-
-
UIINST
14.2 MIPICSI2 Disclaimer
The material contained herein is not a license, either expressly or impliedly, to any IPR
owned or controlled by any of the authors or developers of this material or MIPI®. The
material contained herein is provided on an “AS IS” basis and to the maximum extent
permitted by applicable law, this material is provided AS IS AND WITH ALL FAULTS,
and the authors and developers of this material and MIPI hereby disclaim all other
warranties and conditions, either express, implied or statutory, including, but not limited
to, any (if any) implied warranties, duties or conditions of merchantability, of fitness for a
particular purpose, of accuracy or completeness of responses, of results, of workmanlike
effort, of lack of viruses, and of lack of negligence.
Radar module
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
68
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com