Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2VMM Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FS32R274VCK2VMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 33Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 35Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 38Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 39Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
7.3 DAC electrical specifications
NOTE
• All data is measured in single ended mode. Differential
mode is guaranteed by design.
• Specifications guaranteed only if factory trims are not
overridden.
Table 27. DAC parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
NBIT
Bits
Base bits
PWM bits
—
12
4
(extra
lsb's)
—
Bits
SPSDAC
Sample rate
—
—
10
—
MSam
ples/s
DNL
Linearity1
—
-24
—
4
LSB
Vout
Output Voltage1, 2, 3
Single-Ended, Rl = 300 Ω
1.2
—
1.35
V
Iout
Full-Scale Output Current
DAC full-scale adjust bits set to
01 or 10
4.0
—
4.5
mA
NDAC
DAC output noise 1, 4
@250 kHz
@100 kHz
@10 kHz
@1 kHz
—
20
30
65
170
nV/
sqrt(Hz
)
SOE
Static Offset Error1, 2
Single-Ended
Differential with the full-scale
adjust bits set to either 01 or 10
60
-30
75
0
100
30
mV
TOE
Transient Offset Error1, 2, 5
After low-pass filter and
averaging
—
—
0.05
LSB
tDV
Transient Time Delay Variation 1, 2, 6
LSB step
MSB step
—
—
1
10
ns
Oc
Output compliance
single-ended, only the DNL
specification is guaranteed. The
TOE and Tdv may be degraded.
0
—
1.35
V
tempco
Temperature coefficient
—
–1
—
1.0
LSB/K
2
PSRR
Power Supply Rejection Ratio7
Freq < 250 KHz
30
—
—
dB
1. DAC linearity, output swing, noise, TOE, and Tdv specifications are all based upon a 300 Ω DAC output load resistor and
assume that the full-scale adjust bits are set to either 01 or 10. These specifications will NOT be met for other DAC output
load resistor values.
2. Once all of the LVDs have cleared and the DAC is powered on, a one-time wait time of 300 ms is required before the DAC
output signal is valid.
3. The full-scale DAC output is trimmed to 1.30 V ±10 mV with all DAC inputs set to 1 including both full-scale adjust bits.
4. Rl = 300 Ω, 10uF capacitor between Vdd_HV_DAC and DAC_C, ideal supply
5. Difference between ideal and real (Va+Vb/2), for all base and PWM LSBs
6. Falling edge to falling edge or rising edge to rising edge. Any transition DACn -> DACn + 1
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
36
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com