Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 5 Page - STMicroelectronics

  ST70134A Datasheet HTML 1Page - STMicroelectronics ST70134A Datasheet HTML 2Page - STMicroelectronics ST70134A Datasheet HTML 3Page - STMicroelectronics ST70134A Datasheet HTML 4Page - STMicroelectronics ST70134A Datasheet HTML 5Page - STMicroelectronics ST70134A Datasheet HTML 6Page - STMicroelectronics ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST70134A
5/22
Table 2 : Pin Functions
Numbers
Name
Function
PCB connection
Supply
ANALOG INTERFACE
24
VRAP
Positive Voltage Reference ADC
Decoupling network
AVDD3
25
VREF
Ground Reference ADC
Decoupling network
AVDD3
26
VRAN
Negative Voltage Reference ADC
Decoupling network
AVDD3
31
TXP
Pre Driver Output
Line driver input
AVDD4
32
TXN
Pre Driver Output
Line driver input
AVDD4
38
AGND
Virtual Analog Ground (AVDD/2 = 1.65V)
Decoupling network
AVDD5
44
VCOC
VCODAC Time Constant Capacitor
VCODAC cap.
AVDD5
45
GC0
External Gain Control Output LSB
-
AVDD5
46
GC1
External Gain Control Output MSB
-
AVDD5
47
RXN0
Analog Receive Negative Input Gain 0
Echo filter output
AVDD5
48
RXP0
Analog Receive Positive Input Gain 0
Echo filter output
AVDD5
49
RXN1
Analog Receive Negative Input Gain 1
(Most Sensitive Input)
Echo filter output
AVDD5
50
RXP1
Analog Receive Positive Input Gain 1
(Most Sensitive Input)
Echo filter output
AVDD5
53
IREF
Current Reference TX DAC/DACE
Decoupling network
AVDD2
55
IVCO
Current Reference VCO DAC
VCO bias network
AVDD1
56
VCXO
VXCO Control Current
VCXO filter
AVDD1
59
XTALI
XTAL Oscillator Input Pin
Crystal + varicap
AVDD1
60
XTALO
XTAL Oscillator Output Pin
Crystal + varicap
AVDD1
DIGITAL INTERFACE
1
TX1
Digital Transmit Input, Parallel Data
-
DVDD2
2
TX0
Digital Transmit Input, Parallel Data
-
DVDD2
7
CTRLIN
Serial Data Input (Settings)
Async Interface
DVDD2
9
CLKM
Master Clock Output, f = 35.328MHz
Load = CL<30pF
DVDD2
10
CLNIB
Nibble Clock Output, f = 17.664MHz
(OSR = 2) or ground (OSR = 4)
Load = CL<30pF
DVDD2
11
CLWD
Word Clock Output, f = 8.832/4.416MHz
Load = CL<30pF
DVDD2
12
RX3
Digital Receive Output, Parallel Data
Load = CL<30pF
DVDD2
13
RX2
Digital Receive Output, Parallel Data
Load = CL<30pF
DVDD2
14
RX1
Digital Receive Output, Parallel Data
Load = CL<30pF
DVDD2
15
RX0
Digital Receive Output, Parallel Data
Load = CL<30pF
DVDD2
18
PDOWN
Power Down Select, "1" = Power Down
Power Down Input
DVDD2
20
RESETN
Reset Pin (Active Low)
RC- Reset
DVDD2
22
GP0
General Purpose Output 0 (on AVDD 1)
Echo filter output
AVDD
33
GP1
General Purpose Output 1 (on AVDD 1)
Echo filter output
AVDD
43
GP2
General Purpose Output 2 (on AVDD 1)
Echo filter output
AVDD
63
TX3
Digital Transmit Input, Parallel Data
Load = CL<30pF
DVDD2
64
TX2
Digital Transmit Input, Parallel Data
Load = CL<30pF
DVDD2
19, 21
RES
RESERVED
Must Be Connected to DVSS (Input)
-
36, 37, 39,
40, 57
RES
RESERVED
Must Be Connected to AVSS (Input)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com