Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics ST70134A Datasheet HTML 10Page - STMicroelectronics ST70134A Datasheet HTML 11Page - STMicroelectronics ST70134A Datasheet HTML 12Page - STMicroelectronics ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics ST70134A Datasheet HTML 15Page - STMicroelectronics ST70134A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ST70134A
12/22
The information coming from the digital processor via the CTRLIN path is used to drive an 8-bit DAC
which generates a control current. This current is externally converted and filtered to generate the
required control voltage (range:-15V to 0.5V) for the varicap. The VCXO circuit characteristics are given
in Table 15.
N.B: frequency tuning range is proportional to the crystal dynamic capacitance Cm.
Figure 7 : Principle of VCXO control
The tuning must be monotonic with 8-bit resolution with the worst-case tuning step of <2ppm/LSB (8-bit).
The time constant of the tuning must be variable from 5s to 10s through an external capacitor Cs (R =
1M
Ω ±30%). This determines the speed of the VCXO in normal operation (slow speed in "show time")
with filtered VCXO. For faster tracking, the previous filter is not used and the speed depends on CtRt.
DIGITAL INTERFACE
Control Interface
The digital setting codes for the ST70134 configuration are sent over a serial line (CTRLIN) using the
word clock (CLWD).
The data burst is composed of 16 bits from which the first bit is used as start bit ('0'), the three LSBs being
used to identify the data contained in the 12 remaining bits.
Table 15 : VCXO circuit Characteristics
Symbol
Parameter
Minimum
Nominal
Maximum
Note
fabs
Absolute frequency accuracy
-15ppm
35.328MHz
+15ppm
frange
Frequency Tuning Range
±50ppm
IO
VCXO Output Current
100
µA
Rref = 16.5k
Ω
AVDD = 3.3V
Ii
Reference Input Current
100
µA
1mA
AVDD = 3.3V
DAC
8 Bits
1M
Ω
±30%
Filtered VCXO
(see CTRLIN table)
44
VCOC
Cs
AVDD
7
CTRLIN
55
IVCO
AVDD
Rref
AVDD/22 ÷ AVDD/2
li
56
VCXO
Clk35
60
59
Cp
XTALI
XTALO
Ct
Rt
AGND
Io = li
-15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com