Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 12Page - STMicroelectronics ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics ST70134A Datasheet HTML 15Page - STMicroelectronics ST70134A Datasheet HTML 16Page - STMicroelectronics ST70134A Datasheet HTML 17Page - STMicroelectronics ST70134A Datasheet HTML 18Page - STMicroelectronics ST70134A Datasheet HTML 19Page - STMicroelectronics ST70134A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ST70134A
16/22
RX Signal Dynamic
The dynamic of the signal from the ADC is limited to 13bits. Those bits are converted to a signed (2’s
complement) representation with a maximal positive number of 214 -1 and a most negative number -214.
The 2 LSBs are filled with ’0’.
The two sign bits must be identical.
Table 20 : RX Data Bit Map
BIT MAP/NIBBLE
N0
N1
N2
N3
RXD0
0
data bit 2
data bit 6
data bit 10
RXD1
0
data bit 3
data bit 7
data bit 11
RXD2
d0 = data bit 0 (LSB)
data bit 4
data bit 8
data SIGN
RXD3
data bit 1
data bit 5
data bit 9
data SIGN
Table 21 : RX Nibble Bit Map
N3
N2
N1
N0
sign
sign
d11
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
0
0
Figure 9 : TX/ RX Digital Interface Timing
CLKM
35.328MHz
CLWD
8.832MHz
TXDx/RXDx
N0
N1
N2
N3
OSR = 4
CLKNIB
17.664MHz
CLWD
4.4162MHz
TXDx/RXDx
N0
N1
N2
N3
OSR = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com