Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 6Page - STMicroelectronics ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics ST70134A Datasheet HTML 10Page - STMicroelectronics ST70134A Datasheet HTML 11Page - STMicroelectronics ST70134A Datasheet HTML 12Page - STMicroelectronics ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ST70134A
10/22
TX Pre-driver Capability
The pre-driver drives an external line power amplifier which transmits the required power to the line.
TX Filter
The TX filter acts not only to suppress the DMT sidebands but also as smoothing filter on the D/A conver-
tor’s output to suppress the image spectrum. For this reason it must be realized in a continuous time
approach.
ATU-R TX Filter
The purpose of this filter is to remove out-of-band noise of the TX path echoed to the RX path. In order to
meet the transmitter spectral response, an additional filtering must be (digitally) performed. The inte-
grated filter has the following characteristics:
Note: The total TX path (including DAC) group delay distortion is 16
µs (i.e. = 15µs + 1µs of DAC).
Table 10 : TX Pre-driver
TX drive level to the external line
driver for max. AGC setting
1.5 Vpdif
External line driver input impedance:
resistive
capacitive
> 500
Ω
< 30pF
Pre-driver characteristics:
Closed loop gain:
-15dB...0dB with step = 1dB
Output characteristics
Output offset voltage (0dB)
< 10mV
Output noise voltage (0dB)
< 150nVHz-1/2 @ f > 250kHz
< 500nVHz-1/2 @ 34.5kHz < f < 138kHz
0dB
Output common mode voltage:
1.6V < Vcm < 1.7V
Table 11 : Integrated SC Filter Characteristics
Description
Value/Unit
Maximum input level
1Vpd
Maximum output level
1Vpd
Type
4th order chebytchef
Frequency band
138kHz (0% setting see below)
Frequency tuning
-25% -> +25%
Max. in-band ripple
1dB
Matlab Model
Default cut-off frequency @ -3dB
Actual cut-off @ -3dB
SC Frequency selection register
[B,A] = cheby1 (4,0.5,W0,’s’) {ripple = 0.5}
F0 = 151.8kHz
W0 = 2*pi*F0/((17+n)/16)
n = -4,..,3 see (AFE settings, Table 19)
Total TX filter group delay
< 50
µs @ 34.5kHz < f < 138kHz
Total TX filter group delay distortion
< 20
µs @ 34.5kHz < f < 138kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com