Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics ST70134A Datasheet HTML 10Page - STMicroelectronics ST70134A Datasheet HTML 11Page - STMicroelectronics ST70134A Datasheet HTML 12Page - STMicroelectronics ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics ST70134A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ST70134A
11/22
Figure 6 : SC Filter Mask for TX
Linearity in TX
Linearity of the TX is defined by the IM3 product of two sinusoidal signals with frequencies f1 and f2 and
each with 0.5Vpd amplitude (total
≤ 1Vpd) at the output of the pre-driver for the case of a total
AGC = 0dB.
TX Idle Channel Noise
The idle channel noise specifications correspond with 11bit resolution of the complete TX-path. TX idle
channel output noise on TXP, TXN.
Power Supply Rejection
The noise on the power supplies for the TX-path must be lower than the following:
< 50mVrms in-band white noise for AVDD.
< 15mVrms in-band white noise for Pre-driver AVDD.
VCXO
A voltage controlled crystal oscillator driver is integrated in ST70134. The nominal frequency is
35.328MHz. The quartz crystal is connected between the pins XTALI and XTALO. The principle of the
VCXO control is shown in Figure 7.
Table 12 : D/A Converter (A current steering architecture is used)
Description
Value / Unit
Numbers of bits:
12bits
Minimum resolution of the D/A converters
11bits
Linearity error of the A/D converter
<1LSB (out of 12bits)
Full scale input range:
1 Vpdif ±5%
Sampling rate:
8.832MHz (or 4.416MHz in compatible mode)
Maximum group delay:
<3
µs
Maximum group delay distortion:
<1
µs
Table 13 : Linearity in TX
f1 (0.5Vpd)
80kHz
f2 (0.5Vpd)
70kHz
S/IM3 (AGC = 0 dB)
59.5dB (@ 60KHz, 90KHz)
Table 14 : TX idle channel noise
For max AGC setting (0dB)
In-band noise
Out-of-band noise
1.6
µVHz-1/2
150nVHz-1/2
@ 34.5kHz -138kHz
@ 250kHz -1.104MHz
For min AGC setting (=-15dB)
In-band noise
500nVHz-1/2
@ 34kHz -138kHz
Amplitude
0dB
±1dB
20dB
30
138 250
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com