Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics ST70134A Datasheet HTML 15Page - STMicroelectronics ST70134A Datasheet HTML 16Page - STMicroelectronics ST70134A Datasheet HTML 17Page - STMicroelectronics ST70134A Datasheet HTML 18Page - STMicroelectronics ST70134A Datasheet HTML 19Page - STMicroelectronics ST70134A Datasheet HTML 20Page - STMicroelectronics ST70134A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ST70134A
17/22
Receive / Transmit Interface Timing
The interface is a quadruple (RX, TX) nibble -
serial interface running at 8.8MHz sampling (nor-
mal mode). The data are represented in 16bits
format, and transferred in groups of 4 bits (nib-
bles).
The
LSBs
are
transferred
first.
The
ST70134 generates a nibble clock (CLKM master
clock in normal mode, CLKNIB in OSR = 2 mode)
and word signals shared by the three interfaces.
Data is transmitted on the rising edge of the mas-
ter clock (CLKM/CLKNIB) and sampled on the
falling edge of CLKM/CLKNIB. This holds for the
data stream from ST70134 and from the digital
processor.
Data, CLWD setup and hold times are 5ns with
reference to the falling edge of CLKM/CLKNIB.
(not floating).
Data is transmitted on the rising edge of the mas-
ter clock (CLKM/CLKNIB) and sampled on the low
going edge of CLKM/CLKNIB. This holds for the
data stream from ST70134 and from the digital
processor.Data, CLWD setup and hold times are
5ns with reference to the falling edge of CLKM/
CLKNIB. (not floating).
Power Down
When pin Pdown = "1", the chip is set in power
down mode. As the Pdown signal is synchro-
nously sampled, minimum duration is 2 periods of
the 35MHz clock. In this mode all analog func-
tional blocks are deactivated except: preamplifiers
(TX), clock circuits for output clock CLKM. Pdown
will not affect the digital part of the chip. Anyway,
after a Pdown transition, the digital part status, is
updated after 3 clock periods (worst case).
The chip is activated when Pdown = "0".
In power down mode the following conditions
hold:
– Output voltages at TXP/TXN = AGND
– Preamplifier is on with maximum gain setting
(0dB), (digital gain setting coefficients are over-
ruled)
– The XTAL output clock on pin CLKM keeps running.
– All digital setting are retained.
– Digital output on pins RXDx don't care(not floating).
In power-down mode the power consumption is
100mW.
Following external conditions are added:
– Clock pin CLW is running.
– CTRLIN signals can still be allowed.
– AGND remains at AVDD/2 (circuit is powered up)
– Input signal at TXDx inputs are not strobed.
The Pdown signal controls asynchronously the
power-down of each analog module:
– After a few
µs the analog channel is functional
– After about 100ms the analog channel delivers
full performance
Reset Function
The reset function is implied when the RESETN
pin is at a low voltage input level. In this condition,
the reset function can be easily used for power up
reset conditions.
Detailed Description
During reset: (reset is asynchronous, tenths of ns
are enough to put the IC in reset).
All clock outputs are deactivated and put to logical
"1" (except for the XTAL and master clock CLKM).
After reset: (4 clock periods after reset transition,
as worst case).
– OSR = 4
– All analog gains (RX, TX) are set to minimum value
– Nominal
filter
frequency
bands
(138kHz,
1.104MHz)
– LNA input = "11" (max. attenuation)
– VCO dac disabled
Digital outputs are placed in don't care condition
(non-floating).
N.B. If a Xtal oscillator is used, the RESET must
be released at last 10
µs after power-on, to ensure
a correct duty cycle for the clk35 clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com