Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 3 Page - STMicroelectronics

  ST70134A Datasheet HTML 1Page - STMicroelectronics ST70134A Datasheet HTML 2Page - STMicroelectronics ST70134A Datasheet HTML 3Page - STMicroelectronics ST70134A Datasheet HTML 4Page - STMicroelectronics ST70134A Datasheet HTML 5Page - STMicroelectronics ST70134A Datasheet HTML 6Page - STMicroelectronics ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ST70134A
3/22
DMT Signal (Done by the DMT companion
chip)
A DMT signal is basically the sum of N indepen-
dently QAM modulated signals, each carried over
a distinct carrier. The frequency separation of
each carrier is 4.3125kHz with a total number of
256 carriers (ANSI). For N large, the signal can be
modelled by a gaussian process with a certain
amplitude probability density function. Since the
maximum amplitude is expected to arise very
rarely, we decide to clip the signal and to trade-off
the resulting SNR loss against AD/DA dynamic. A
clipping factor (Vpeak/Vrms = "crest factor") of 5.3
will be used resulting in a maximum SNR of 75dB.
ADSL DMT signals are nominally sent at an aver-
age of -38dBmHz (-1.65dBm/carrier) with a maxi-
mal
power
of
15.7mW
for
the
transmitter
(upstream for ADSL over Pots, DMT carriers are
from 7 to 31, for ADSL over ISDN DMT carriers
are from 31 to 64).
Maximum / Minimum Signal Levels
The following table gives the transmitted and
received signal levels for CPE (ATU-R) and, for
reference, at ATU-C. All the levels are referred to
the line voltages (i.e. after hybrid and transform-
ers in TX direction, before hybrid and transformer
in RX direction).
Note that signal amplitudes shown below are for
illustration purpose and depending on the transmit
power and line impedance signal amplitudes can
differ from these values.
The reference line impedance for all power calcu-
lations is 100
Ω.
Package
The ST70134 is packaged in a 64-pin TQFP pack-
age (body size 10x10mm, pitch 0.5mm).
* Power cut back software co facility.
Table 1 : Target Signal Levels (on the line)
Parameter
ATU - R
ATU - C (for reference)
RX
TX
RX
TX
Max level
3.95 Vpdif *
6.8 Vpdif
1.66 mVpdif
15.8 Vpdif *
Max RMS level
791 mVrms
671 mVrms
168 mVrms
3.16 Vrms
Min level
42 mVpdif
839 mVpdif
54 mVpdif
3.95 Vpdif
Min RMS level
8 mVrms
168 mVrms
11 mVrms
791 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com