Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 1 Page - STMicroelectronics

  ST70134A Datasheet HTML 1Page - STMicroelectronics ST70134A Datasheet HTML 2Page - STMicroelectronics ST70134A Datasheet HTML 3Page - STMicroelectronics ST70134A Datasheet HTML 4Page - STMicroelectronics ST70134A Datasheet HTML 5Page - STMicroelectronics ST70134A Datasheet HTML 6Page - STMicroelectronics ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
January 2001
s FULLY INTEGRATED AFE FOR CPE ADSL
s OVERALL 12 BIT RESOLUTION, 1.1MHz
SIGNAL BANDWIDTH IN Rx
s 8.8MS/s ADC
s 8.8MS/s DAC
s THD: -60dB @FULL SCALE
s 4-BIT DIGITAL INTERFACE TO/FROM THE
DMT MODEM
s 1V FULL SCALE INPUT
s DIFFERENTIAL ANALOG I/O
s ACCURATE CONTINUOUS-TIME CHANNEL
FILTERING
s 3rd & 4th ORDER TUNABLE CONTINUOUS
TIME LP FILTERS
s 0.5 WATT AT 3.3V
s 0.5mm HCMOS5 LA TECHNOLOGY
s 64 PIN TQFP PACKAGE
DESCRIPTION
ST70134 is the Analog Front End of the STMicro-
electronics ASCOTTM ADSL chipset and when
coupled
with
ST70135A or
ST70235
(DMT
modem) allows to get a T1.413 Issue 2 or G.dmt
compliant solution.
The ST70134 analog front end handles 2 trans-
mission channels on a balanced 2 wire intercon-
nection; a 16 to 640Kbit/s upstream transmit
channel and a 1.536Mbit/s to 8.192Mbit/s down-
stream receive channel.
This asymmetrical data transmission system uses
high resolution, high speed analog to digital and
digital to analog conversion and high order analog
filtering to reduce the echo and noise in both
receivers and transmitters.
External low noise driver and input stage used
with ST70134 guarantee low noise performances.
The filters, with a programmable cutoff frequency,
use automatic Continuous Time Tuning to avoid
time varying phase characteristic which can be of
dramatic consequence for DMT modem.
It requires few external components, uses a 3.3V
supply. It is packaged in a 64-pin TQFP in order to
reduce PCB area.
TQFP64
ORDERING NUMBER:
ST70134 (TQFP64)
ST70134A (TQFP64)
ST70134 - ST70134A
ASCOTTM INTEGRATED ADSL CMOS
ANALOG FRONT-END CIRCUIT


Similar Part No. - ST70134A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134 Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
130Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134-ST70135A STMICROELECTRONICS-ST70134-ST70135A Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
More results

Similar Description - ST70134A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
CPE ADSL ANALOG FRONT END
Sep-2001
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
G.dmt ADSL Analog Front End IC
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
ADSL Analog Front End Chip
February 1999
logo
Texas Instruments
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com